Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 10Page - ATMEL Corporation ATAM510 Datasheet HTML 11Page - ATMEL Corporation ATAM510 Datasheet HTML 12Page - ATMEL Corporation ATAM510 Datasheet HTML 13Page - ATMEL Corporation ATAM510 Datasheet HTML 14Page - ATMEL Corporation ATAM510 Datasheet HTML 15Page - ATMEL Corporation ATAM510 Datasheet HTML 16Page - ATMEL Corporation ATAM510 Datasheet HTML 17Page - ATMEL Corporation ATAM510 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
14
4711B–4BMCU–01/05
ATAM510
Note:
If this option is used, the reset is not maskable and will also trigger if the predefined code is written
on to Port A by the CPU itself. Care should also be taken not to generate an unwanted reset by
inadvertently passing through the reset code on input transitions. This applies especially if the
pins have a high capacitive load.
2.6.4
Watchdog Reset
The watchdog’s function can be enabled via a mask option and triggers a reset with every
watchdog counter overflow. To suppress the watchdog reset, the counter must be regularly
reset by reading the watchdog register address (CWD). The CPU reacts in exactly the same
manner as a reset stimulus from any of the above sources.
Figure 2-8.
Normal Mode Start-up
Table 2-3.
Multiple Key Reset Options
NO_RST
Not used (default)
RST2
BPA0 and BPA1 = low
RST3
BPA0 and BPA1 and BPA2 = low
RST4
BPA0 and BPA1 and BPA2 and BPA3 = low
RST5
BPA0 and BPA1 = high
RST6
BPA0 and BPA1 and BPA2 = high
RST7
BPA0 and BPA1 and BPA2 and BPA3 = high
Reset
Configuration period
Power-on reset delay
Application program
execution
250 ms
80 ms
Program defined
Input mode
Input mode
Input mode
Program defined
No pull-up/-down
New configuration
Old config.
NRST
Port
status
Pull-up/
pull-down
configuration
Device
status
New configuration
No pull-up/-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com