Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATAM510 Datasheet HTML 1Page - ATMEL Corporation ATAM510 Datasheet HTML 2Page - ATMEL Corporation ATAM510 Datasheet HTML 3Page - ATMEL Corporation ATAM510 Datasheet HTML 4Page - ATMEL Corporation ATAM510 Datasheet HTML 5Page - ATMEL Corporation ATAM510 Datasheet HTML 6Page - ATMEL Corporation ATAM510 Datasheet HTML 7Page - ATMEL Corporation ATAM510 Datasheet HTML 8Page - ATMEL Corporation ATAM510 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
4
4711B–4BMCU–01/05
ATAM510
20
BP12
I/O line of Port 1 – automatic nibble wise configurable
21
BP11
I/O line of Port 1 – automatic nibble wise configurable
22
BP10
I/O line of Port 1 – automatic nibble wise configurable
23
BPA3
I/O line of Port A – bit wise configurable, as inputs for port monitor module and optional coded reset
inputs
24
BPA2
I/O line of Port A – bit wise configurable, as inputs for port monitor module and optional coded reset
inputs
25
BPA1
I/O line of Port A – bit wise configurable, as inputs for port monitor module and optional coded reset
inputs
26
BPA0
I/O line of Port A – bit wise configurable, as inputs for port monitor module and optional coded reset
inputs
27
NRST
Reset input (/output), a logic low on this pin resets the device. An internal watchdog or coded reset can
generate a low pulse on this pin
28
OSCOUT
32-kHz or 4-MHz quartz crystal output pin
29
OSCIN
32-kHz or 4-MHz quartz crystal input pin
30
AVDD
Analog power supply voltage +2.2 V to +6.2 V
31
BPC2
I/O line of Port C – bit wise configurable I/O
32
BPC3
I/O line of Port C – bit wise configurable I/O
33
BPB0
I/O line of Port B – bit wise configurable I/O and as inputs for port monitor module
34
BPB1
I/O line of Port B – bit wise configurable I/O and as inputs for port monitor module
35
BPB2
I/O line of Port B – bit wise configurable I/O and as inputs for port monitor module
36
BPB3
I/O line of Port B – bit wise configurable I/O and as inputs for port monitor module
37
BP60
I/O line of Port 6 – bit wise configurable I/O or as external programmable interrupts
38
BP61
I/O line of Port 6 – bit wise configurable I/O or as external programmable interrupts
39
SCLIN
External trimming resistor or external clock input
40
PM
MTP program mode enable pin (internal pull-down)
41
BP73
I/O line of high current Port 7 – bit wise configurable
42
BP72
I/O line of high current Port 7 – bit wise configurable
43
BP71
I/O line of high current Port 7 – bit wise configurable
44
BP70
I/O line of high current Port 7 – bit wise configurable
Table 1-1.
Pin Description
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com