Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 44Page - ATMEL Corporation ATAM510 Datasheet HTML 45Page - ATMEL Corporation ATAM510 Datasheet HTML 46Page - ATMEL Corporation ATAM510 Datasheet HTML 47Page - ATMEL Corporation ATAM510 Datasheet HTML 48Page - ATMEL Corporation ATAM510 Datasheet HTML 49Page - ATMEL Corporation ATAM510 Datasheet HTML 50Page - ATMEL Corporation ATAM510 Datasheet HTML 51Page - ATMEL Corporation ATAM510 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
48
4711B–4BMCU–01/05
ATAM510
Figure 3-19. An Example 4-bit PWM/PDM Comparison
3.5.3.11
Period Measurement Modes (Rising and Falling Edge)
During the period measurement mode, the counter counts the number of either internal or exter-
nal clocks in one period of the BP41 input signal (see Figure 3-20). Depending on the mode
chosen, this will be from rising edge to the next rising edge or conversely, falling edge to the fol-
lowing falling edge. On the trigger edge, the counter state is loaded into the capture register and
subsequently reset. The measured value remains in the capture register until overwritten by the
following measured value. Interrupts can be generated by either an overflow condition or an
end-of-measurement (EOM) event. An EOM event signals to the CPU that a new measured
value is present in the capture register and can be read, if required.
Figure 3-20. Period Measurement
3.5.3.12
Pulse Width Measurement Modes (High and Low)
In this mode, the selected clock source is gated to the counter for the duration of each input
pulse received on BP41 (see Figure 3-21 on page 49). Whether the measurement takes place
during the high or low phase depends on the selected mode. At the end of each pulse, the
counter state is loaded into the capture register and subsequently reset. Interrupts can be gener-
ated by either an overflow condition or an end-of-measurement (EOM) event. An EOM event
signals the CPU that a new measured value is present in the capture register and can be read if
required.
PWM = 0.25
PDM = 0.25
PWM = 0.75
PDM = 0.75
Repetition period
T0IN1
(BP41)
t_period
EOM
Interrupt
Captures and resets timer
Falling edge triggered
t_period
Rising edge triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com