Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 28Page - ATMEL Corporation ATAM510 Datasheet HTML 29Page - ATMEL Corporation ATAM510 Datasheet HTML 30Page - ATMEL Corporation ATAM510 Datasheet HTML 31Page - ATMEL Corporation ATAM510 Datasheet HTML 32Page - ATMEL Corporation ATAM510 Datasheet HTML 33Page - ATMEL Corporation ATAM510 Datasheet HTML 34Page - ATMEL Corporation ATAM510 Datasheet HTML 35Page - ATMEL Corporation ATAM510 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
32
4711B–4BMCU–01/05
ATAM510
3.2.8
TIM1 - Dedicated Timer 1 I/O Pin
Figure 3-8.
Bi-directional Pin TIM1
TIM1 is a dedicated bi-directional I/O stage for signal communication to and from Timer 1 in the
timer/counter module (see Figure 3-8). It has no I/O bus interface and is not directly accessible
from the CPU. Direction control is performed from the timer/counter configuration registers.
3.3
Interval Timers/Prescaler
The interval timers are based on a frequency divider for generating two independent time base
interrupts. It is driven by SUBCL generated by the clock module (see Figure 2-9 on page 16) and
consists of a 15-stage binary divider and two programmable multiplexers for selecting the appro-
priate interrupt frequencies for each interrupt source (see Figure 3-9 on page 33). Each
multiplexer is completely independent and is controlled by the common Interval Timer Fre-
quency Select Register (ITFSR). Buffer registers store the respective frequency select codes
and ensure complete programming independence of each interrupt channel.
Interrupt masking and programming of the interrupt priority levels is performed with the aid of the
Interval Timer Interrupt Priority Register (ITIPR).
T1IN (Timer 1 input)
T1OUT (Timer 1 output)
T1Dir (direction control)
V
DD
TIM1
(1) Flash options
Pull-up
Pull-down
(1)
(1)
(1)
(1)
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com