Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 35Page - ATMEL Corporation ATAM510 Datasheet HTML 36Page - ATMEL Corporation ATAM510 Datasheet HTML 37Page - ATMEL Corporation ATAM510 Datasheet HTML 38Page - ATMEL Corporation ATAM510 Datasheet HTML 39Page - ATMEL Corporation ATAM510 Datasheet HTML 40Page - ATMEL Corporation ATAM510 Datasheet HTML 41Page - ATMEL Corporation ATAM510 Datasheet HTML 42Page - ATMEL Corporation ATAM510 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39
4711B–4BMCU–01/05
ATAM510
By using the Timer/Counter I/O Control Register (TCIOR) the program can configure the respec-
tive Port 4 pins as either standard data I/O ports or as external signal ports for the Timer 0 and
Buzzer. The Timer 1 uses a dedicated I/O pin TIM1, whose direction is controlled solely by the
TCCR (see Figure 3-12). It should be noted that if a TCIOR bit is set low, then the corresponding
port data direction register (P4DDR) bit no longer influences the port direction. In the case of
BP40 and BP41, the port direction is then controlled entirely by the timer/counter configuration
registers (TCCR,T0MO), while pins BP42 and BP43 become uni-directional buzzer outputs.
Figure 3-12. Timer/Counter and Buzzer External Interface
Table 3-11.
Timer/Counter I/O Control Register (TCIOR)
Code
3 2 1 0
Function
x x x 1
BP40 - standard port mode
x x x 0
BP40 - Timer 0 clock input (T0IN0) or Timer 0 output (T0OUT0)
x x 1 x
BP41 - standard port mode
x x 0 x
BP41 - Timer 0 gate input (T0IN1) or Timer 0 output (T0OUT1)
x 1 x x
BP42 - standard port mode
x 0 x x
BP42 - Buzzer output (BUZ)
1 x x x
BP43 - standard port mode
0 x x x
BP43 - Buzzer output (NBUZ)
BP40
BUZZER
BUZ
NBUZ
TIMER 0
T0IN0
T0IN1
T0OUT0
T0OUT1
TIMER 1
T1IN
T1OUT
P4DAT0
P4DDR0
BP41
P4DAT1
P4DDR1
BP42
P4DAT2
P4DDR2
BP43
TIM1
TCCR
TCCR
TCIO0
PWM,PDM
Melody,Counter
T0MO
to CPU
Select Ext. Clock
Select Ext. Clock
to CPU
TCIO1
to CPU
TCIO2
'0'
P4DAT3
P4DDR3
to CPU
TCIO3
'0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com