Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATAM510 Datasheet HTML 1Page - ATMEL Corporation ATAM510 Datasheet HTML 2Page - ATMEL Corporation ATAM510 Datasheet HTML 3Page - ATMEL Corporation ATAM510 Datasheet HTML 4Page - ATMEL Corporation ATAM510 Datasheet HTML 5Page - ATMEL Corporation ATAM510 Datasheet HTML 6Page - ATMEL Corporation ATAM510 Datasheet HTML 7Page - ATMEL Corporation ATAM510 Datasheet HTML 8Page - ATMEL Corporation ATAM510 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5
4711B–4BMCU–01/05
ATAM510
2.
MARC4 Architecture
2.1
General Description
The functionality, programming and pinning of the ATAM510 is compatible with the ATAR510
mask programmable microcontroller from Atmel. All on-chip modules are addressed and con-
trolled with exactly the same programming code, so that a program targeted for the ATAR510
can be read directly into the ATAM510 and will operate in the same fashion.
The MARC4 microcontroller consists of an advanced stack-based 4-bit CPU core and on-chip
peripherals. The CPU is based on the Harvard architecture with physically separate program
memory (ROM) and data memory (RAM). Three independent buses, the instruction bus, the
memory bus and the I/O bus, are used for parallel communication between ROM, RAM and
peripherals. This enhances program execution speed by allowing both instruction prefetching,
and a simultaneous communication to the on-chip peripheral circuitry. The extremely powerful
integrated interrupt controller with associated eight prioritized interrupt levels supports fast and
efficient processing of hardware events. The MARC4 is designed for the high-level programming
language qFORTH. The core includes both an expression and a return stack. This architecture
enables high-level language programming without any loss of efficiency or code density.
Figure 2-1.
MARC4 Core
Instruction
decoder
CCR
TOS
ALU
RAM
PC
RP
SP
X
Y
Program
256 x 4-bit
MARC4 CORE
Clock
Reset
Sleep
Memory bus
I/O bus
Instruction
bus
Reset
System
clock
Interrupt
controller
On-chip peripheral modules
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com