Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 29Page - ATMEL Corporation ATAM510 Datasheet HTML 30Page - ATMEL Corporation ATAM510 Datasheet HTML 31Page - ATMEL Corporation ATAM510 Datasheet HTML 32Page - ATMEL Corporation ATAM510 Datasheet HTML 33Page - ATMEL Corporation ATAM510 Datasheet HTML 34Page - ATMEL Corporation ATAM510 Datasheet HTML 35Page - ATMEL Corporation ATAM510 Datasheet HTML 36Page - ATMEL Corporation ATAM510 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
33
4711B–4BMCU–01/05
ATAM510
Figure 3-9.
Interval Timers/Prescaler
3.3.1
Interval Timer Registers
The Interval Timer Frequency Select Register (ITFSR) is I/O mapped to the primary address
register of the prescaler/interval timer address ('F'hex) and the Interval Timer Interrupt Priority
Register (ITIPR) to the corresponding auxiliary register. The interrupt masks MIA and MIB
enable interrupt masking of INTA and INTB respectively. Each interrupt source can be pro-
grammed with PRA and PRB to one of two interrupt priority levels. Disabling both interrupts
resets the interval timer.
3.3.1.1
Interval Timer Interrupt Priority Register (ITIPR)
SUBCL
CK
8092 Hz
4096 Hz
2048 Hz
1024 Hz 256 Hz
128 Hz
64 Hz
32 Hz
8 Hz
4 Hz
2 Hz
1 Hz
1 Hz
0h
1h
2h
3h
4h
5h
6h
7h
2 Hz
4 Hz
8 Hz
16 Hz
16 Hz
32 Hz
64 Hz
128 Hz
8 Hz
8h
9h
Ah
Bh
Ch
Dh
Eh
Fh
16 Hz
64 Hz
256 Hz
1024 Hz
2048 Hz
4096 Hz
8192 Hz
ITFSR
FS1
FS2
FS3
FS0
Buffer
Buffer
ITIPR
MIA
PRA
PRB
MIB
INTA
8:1
Mux
INTB
8:1
Mux
INT5
INT1
INT6
INT2
R
15-stage binary counter
2
2
22
2
2
22
2
22
2
22
2
34
5
6
78
9
10
11
12
13
14
15
(e.g. SUBCL = 32 kHz)
Auxiliary register address (write only): 'F'hex
Bit 3
Bit 2
Bit 1
Bit 0
ITIPR
PRB
PRA
MIB
MIA
Reset value: 1111b
PRB - Priority select Interval Timer Interrupt INTB
PRA - Priority select Interval Timer Interrupt INTA
MIB - Mask Interval Timer Interrupt INTB
MIA - Mask Interval Timer Interrupt INTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com