Electronic Components Datasheet Search
  English  ▼

X  

ATAM510 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATAM510
Description  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 41Page - ATMEL Corporation ATAM510 Datasheet HTML 42Page - ATMEL Corporation ATAM510 Datasheet HTML 43Page - ATMEL Corporation ATAM510 Datasheet HTML 44Page - ATMEL Corporation ATAM510 Datasheet HTML 45Page - ATMEL Corporation ATAM510 Datasheet HTML 46Page - ATMEL Corporation ATAM510 Datasheet HTML 47Page - ATMEL Corporation ATAM510 Datasheet HTML 48Page - ATMEL Corporation ATAM510 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
45
4711B–4BMCU–01/05
ATAM510
Figure 3-14. Timer 0 Free Running Counter Mode
3.5.3.7
Timer 0 Counter Reload Modes (Strobe and 50% Duty Cycle)
As in the free running mode, the counter can also be clocked from either an external signal on
BP40 or from an internal clock source. In this mode, the counter repetition period is completely
defined by the contents of the compare register (T0CP) (see Figure 3-15). The counter counts
up with the selected clock frequency. When it reaches the value held in the compare register,
the counter then returns to the zero state. At the same time, depending on the selected timer
mode, the BP41 either toggles or generates a strobe pulse. If the Timer 0 interrupt is unmasked,
a compare interrupt is also generated.
The resultant output frequency f
OUT = fIN/2 × (n+1) where
n = compare value (n = 1 - 255).
Figure 3-15. Timer 0 Counter Reload Mode
Timer
Clock
T0OUT1
(BP41)
Overflow
Interrupt
Timer = compare register (= 4)
Timer resets
on overflow
04
255
Timer
State
strobe
50% duty
cycle
1
2
35 6
4
1
2
35 6
0
255
255
4
1
2
35 6
0
Timer
Clock
T0OUT1
(BP41)
Compare
Interrupt
Timer = compare register (= 7)
Resets timer
0
7
Timer
State
0
50% duty
cycle
strobe
4
1
2
35 6
7 0
4
1
2
35 6
7 0
4
1
2
35 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com