Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 144 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 140Page - NXP Semiconductors IMX7SCEC Datasheet HTML 141Page - NXP Semiconductors IMX7SCEC Datasheet HTML 142Page - NXP Semiconductors IMX7SCEC Datasheet HTML 143Page - NXP Semiconductors IMX7SCEC Datasheet HTML 144Page - NXP Semiconductors IMX7SCEC Datasheet HTML 145Page - NXP Semiconductors IMX7SCEC Datasheet HTML 146Page - NXP Semiconductors IMX7SCEC Datasheet HTML 147Page - NXP Semiconductors IMX7SCEC Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 155 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
144
B18
MIPI_DSI_D1_P
MIPI_VDDA_1P8
MIPI_DSI_D1_P
J13
MIPI_VDDA_1P8
MIPI_VDDA_1P8
MIPI_VDDA_1P8
J15
MIPI_VDDD_1P0
MIPI_VDDD_1P0
MIPI_VDDD_1P0
J17
MIPI_VDDD_1P0
MIPI_VDDD_1P0
MIPI_VDDD_1P0
AC08
ONOFF
VDD_SNVS_IN
ONOFF
AE10
NC
NC
NC
AD10
NC
NC
NC
AC10
NC
NC
NC
AB10
NC
NC
NC
AE11
NC
NC
NC
AD11
NC
NC
NC
AC11
NC
NC
NC
AB11
NC
NC
NC
AA10
NC
NC
NC
AA12
NC
NC
NC
AA11
NC
NC
NC
Y10
NC
NC
NC
Y12
NC
NC
NC
Y11
NC
NC
NC
R06
POR_B
NVCC_GPIO1
GPIO
ALT0
POR_B
100K PU
AE06
RTC_XTALI
VDD_SNVS_1P8_CAP
RTC_XTALI
AD06
RTC_XTALO
VDD_SNVS_1P8_CAP
RTC_XTALO
E10
SAI1_MCLK
NVCC_SAI
GPIO
ALT5
GPIO6_IO[18]
100K PD
D12
SAI1_RXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[17]
100K PD
E12
SAI1_RXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[12]
100K PD
C12
SAI1_RXFS
NVCC_SAI
GPIO
ALT5
GPIO6_IO[16]
100K PD
C11
SAI1_TXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[13]
100K PD
E11
SAI1_TXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[15]
100K PD
D11
SAI1_TXFS
NVCC_SAI
GPIO
ALT5
GPIO6_IO[14]
100K PD
E09
SAI2_RXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[21]
100K PD
D08
SAI2_TXC
NVCC_SAI
GPIO
ALT5
GPIO6_IO[20]
100K PD
E08
SAI2_TXD
NVCC_SAI
GPIO
ALT5
GPIO6_IO[22]
100K PD
Table 95. i.MX 7Solo 19 x 19 mm functional contact assignments (continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com