| Electronic Components Datasheet Search |
|
IMX7SCEC Datasheet(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Datasheet(HTML) 31 Page - NXP Semiconductors |
|
31 / 155 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 31 4.1.7 USB PHY Suspend current consumption 4.1.7.1 Low Power Suspend Mode The VBUS Valid comparators and their associated bandgap circuits are enabled by default. Table 16 shows the USB interface current consumption in Suspend mode with default settings. 4.1.7.2 4.1.7.2 Power-Down modes Table 17 shows the USB interface current consumption with only the OTG block powered down. In Power-Down mode, everything is powered down, including the USB_VBUS valid comparators and their associated bandgap circuity in typical condition. Table 18 shows the USB interface current consumption in Power-Down mode. The system design must comply with power-up sequence, power-down sequence, and steady state guidelines as described in this section to guarantee the reliable operation of the device. Any deviation from these sequences may result in the following situations: • Excessive current during power-up phase • Prevention of the device from booting • Irreversible damage to the processor (worst-case scenario) Table 16. USB PHY current consumption with default settings1 1 Low Power Suspend is enabled by setting USBx_PORTSC1 [PHCD]=1 [Clock Disable (PLPSCD)]. VDD_USB_OTG1_3P3_IN VDD_USB_OTG2_3P3_IN Current 790 uA 790 uA Table 17. USB PHY current consumption with VBUS Valid Comparators disabled1 1 VBUS Valid comparators can be disabled through software by setting USBNC_OTG*_PHY_CFG2[OTGDISABLE0] to 1. This signal powers down only the VBUS Valid comparator, and does not control power to the Session Valid Comparator, ADP Probe and Sense comparators, or the ID detection circuitry. VDD_USB_OTG1_3P3_IN VDD_USB_OTG2_3P3_IN Current 730 uA 730 uA Table 18. USB PHY current consumption in Power-Down mode1 1 The VBUS Valid Comparators and their associated bandgap circuits can be disabled through software by setting USBNC_OTG*_PHY_CFG2[OTGDISABLE0] to 1 and USBNC_OTG*_PHY_CFG2[DRVVBUS0] to 0, respectively. VDD_USB_OTG1_3P3_IN VDD_USB_OTG2_3P3_IN Current 200 uA 200 uA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |