Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 60 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 56Page - NXP Semiconductors IMX7SCEC Datasheet HTML 57Page - NXP Semiconductors IMX7SCEC Datasheet HTML 58Page - NXP Semiconductors IMX7SCEC Datasheet HTML 59Page - NXP Semiconductors IMX7SCEC Datasheet HTML 60Page - NXP Semiconductors IMX7SCEC Datasheet HTML 61Page - NXP Semiconductors IMX7SCEC Datasheet HTML 62Page - NXP Semiconductors IMX7SCEC Datasheet HTML 63Page - NXP Semiconductors IMX7SCEC Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
60
4.8.4
DDR SDRAM-specific parameters (DDR3, DDR3L, LPDDR3, and
LPDDR2)
4.8.4.1
DDR3/DDR3L parameters
Figure 24 shows the DDR3 basic timing diagram with the timing parameters provided in Table 40.
Figure 24. DDR3 Command and Address Timing Diagram
Table 40. DDR3 timing parameters
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
DDR1 DRAM_SDCLKx_P clock high-level width
tCH
0.47
0.53
tCK
DDR2 DRAM_SDCLKx_P clock low-level width
tCL
0.47
0.53
tCK
DDR4 DRAM_CSx_B, DRAM_RAS_B, DRAM_CAS_B, DRAM_SDCKE, DRAM_SDWE_B,
DRAM_SDODTx setup time
tIS
425
—
ps
DDR5 DRAM_CSx_B, DRAM_RAS_B, DRAM_CAS_B, DRAM_SDCKE, DRAM_SDWE_B,
DRAM_SDODTx hold time
tIH
375
—
ps
DDR6 Address output setup time
tIS
425
—
ps
DDR7 Address output hold time
tIH
375
—
ps
DRAM_SDWE_B
DRAM_ADDRxx
ROW/BA
COL/BA
DDR1
DDR2
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
DRAM_SDCLKx_P
DRAM_ODTx /
DDR4
DRAM_SDCKEx
DRAM_SDCLKx_N
DRAM_CSx_B
DRAM_RAS_B
DRAM_CAS_B
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com