Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 80 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 76Page - NXP Semiconductors IMX7SCEC Datasheet HTML 77Page - NXP Semiconductors IMX7SCEC Datasheet HTML 78Page - NXP Semiconductors IMX7SCEC Datasheet HTML 79Page - NXP Semiconductors IMX7SCEC Datasheet HTML 80Page - NXP Semiconductors IMX7SCEC Datasheet HTML 81Page - NXP Semiconductors IMX7SCEC Datasheet HTML 82Page - NXP Semiconductors IMX7SCEC Datasheet HTML 83Page - NXP Semiconductors IMX7SCEC Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
80
4.10.2.3 HS400 AC timing—eMMC5.0 only
Figure 48 depicts the timing of HS400. Table 56 lists the HS400 timing characteristics. Be aware that only
data is sampled on both edges of the clock (not applicable to CMD). The CMD input/output timing for
HS400 mode is the same as CMD input/output timing for SDR104 mode. Check SD5, SD6 and SD7
parameters in Table 58 SDR50/SDR104 Interface Timing Specification for CMD input/output timing for
HS400 mode.
Figure 48. HS400 timing
SD3
uSDHC Input Setup Time
tISU
2.4
—
ns
SD4
uSDHC Input Hold Time
tIH
1.3
—
ns
Table 56. HS400 interface timing specifications
ID
Parameter
Symbols
Min
Max
Unit
Card Input clock
SD1
Clock Frequency
fPP
0
200
Mhz
SD2
Clock Low Time
tCL
0.46  tCLK
0.54  tCLK
ns
SD3
Clock High Time
tCH
0.46  tCLK
0.54  tCLK
ns
uSDHC Output/Card inputs DAT (Reference to SCK)
SD4
Output Skew from Data of
Edge of SCK
tOSkew1
0.45
—
ns
SD5
Output Skew from Edge of
SCK to Data
tOSkew2
0.45
—
ns
Table 55. eMMC4.4/4.41 interface timing specification(continued)
ID
Parameter
Symbols
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com