Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 17 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 13Page - NXP Semiconductors IMX7SCEC Datasheet HTML 14Page - NXP Semiconductors IMX7SCEC Datasheet HTML 15Page - NXP Semiconductors IMX7SCEC Datasheet HTML 16Page - NXP Semiconductors IMX7SCEC Datasheet HTML 17Page - NXP Semiconductors IMX7SCEC Datasheet HTML 18Page - NXP Semiconductors IMX7SCEC Datasheet HTML 19Page - NXP Semiconductors IMX7SCEC Datasheet HTML 20Page - NXP Semiconductors IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 155 page
background image
Modules list
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
17
DRAM_VREF
When using DDR_VREF with DDR I/O, the nominal reference voltage must be half of the
NVCC_DRAM supply. The user must tie DDR_VREF to a precision external resistor divider. Use
a 1 k 0.5% resistor to GND and a 1 k 0.5% resistor to NVCC_DRAM. Shunt each resistor with
a closely-mounted 0.1 µF capacitor.
To reduce supply current, a pair of 1.5 k 0.1% resistors can be used. Using resistors with
recommended tolerances ensures the ± 2% DDR_VREF tolerance (per the DDR3 specification)
is maintained when four DDR3 ICs plus the i.MX 7Solo are drawing current on the resistor divider.
It is recommended to use regulated power supply for “big” memory configurations (more than
eight devices)
ZQPAD
DRAM calibration resistor 240  1% used as reference during DRAM output buffer driver
calibration should be connected between this pad and GND.
VDDA_MIPI_1P8
Short these pins to VDDA_PHY_1P8 if using MIPI. User can leave these pins floating or grounded
if not using MIPI.
VDD_MIPI_1P0
Short these pins to VDDD_1P0_CAP if using MIPI. User can leave these pins floating or grounded
if not using MIPI.
GPANAIO
This signal is reserved for manufacturing use only. User must leave this connection floating.
JTAG_nnnn
The JTAG interface is summarized in Table 4. Use of external resistors is unnecessary. However,
if external resistors are used, the user must ensure that the on-chip pull-up/down configuration is
followed. For example, do not use an external pull down on an input that has on-chip pull-up.
JTAG_TDO is configured with a keeper circuit such that the floating condition is eliminated if an
external pull resistor is not present. An external pull resistor on JTAG_TDO is detrimental and
should be avoided.
JTAG_MOD is referenced as SJC_MOD in the i.MX 7Solo Application Processor Reference
Manual (IMX7SRM). Both names refer to the same signal. JTAG_MOD must be externally
connected to GND for normal operation. Termination to GND through an external pull-down
resistor (such as 1 k) is allowed. JTAG_MOD set to high configures the JTAG interface to a
mode compatible with the IEEE 1149.1 standard. JTAG_MOD set to low configures the JTAG
interface for common SW debug adding all the system TAPs to the chain.
NC
Do not connect. These signals are reserved and should be floated by the user.
POR_B
This cold reset negative logic input resets all modules and logic in the IC.
May be used in addition to internally generated power on reset signal (logical AND, both internal
and external signals are considered active low).
ONOFF
In Normal mode, may be connected to ON/OFF button (De-bouncing provided at this input).
Internally this pad is pulled up. Short connection to GND in OFF mode causes internal power
management state machine to change state to ON. In ON mode short connection to GND
generates interrupt (intended to SW controllable power down). Long above ~5s connection to
GND causes “forced” OFF.
TEST_MODE
TEST_MODE is for factory use. This signal is internally connected to an on-chip pull-down device.
The user must tie this signal to GND.
USB_OTG1_REXT/USB_O
TG2_REXT
The bias generation and impedance calibration process for the USB OTG PHYs requires
connection of 200  (1% precision) reference resistors on each of the USB_OTG1_REXT and
USB_OTG2_REXT pads to ground.
Table 3. Special signal considerations(continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com