Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 67 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 63Page - NXP Semiconductors IMX7SCEC Datasheet HTML 64Page - NXP Semiconductors IMX7SCEC Datasheet HTML 65Page - NXP Semiconductors IMX7SCEC Datasheet HTML 66Page - NXP Semiconductors IMX7SCEC Datasheet HTML 67Page - NXP Semiconductors IMX7SCEC Datasheet HTML 68Page - NXP Semiconductors IMX7SCEC Datasheet HTML 69Page - NXP Semiconductors IMX7SCEC Datasheet HTML 70Page - NXP Semiconductors IMX7SCEC Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
67
Figure 32 shows the LPDDR2 read timing diagram. The timing parameters for this diagram appear in
Table 48.
Figure 32. LPDDR2 read cycle
1 To receive the reported setup and hold values, read calibration should be performed in order to locate the DRAM_SDQSx_P
in the middle of DRAM_DATA_xx window.
2 All measurements are in reference to Vref level.
3 Measurements were done using balanced load and 25  resistor from outputs to DDR_VREF.
4.9
General-purpose media interface (GPMI) timing
The i.MX 7Solo GPMI controller is a flexible interface NAND Flash controller with 8-bit data width, up
to 200 MB/s I/O speed and individual chip select.
It supports Asynchronous Timing mode, Source Synchronous Timing mode and Toggle Timing mode
separately, as described in the following subsections.
4.9.1
Asynchronous mode AC timing (ONFI 1.0 compatible)
Asynchronous mode AC timings are provided as multiplications of the clock cycle and fixed delay. The
maximum I/O speed of GPMI in asynchronous mode is about 50 MB/s. Figure 33 through Figure 36
depicts the relative timing between GPMI signals at the module level for different operations under
asynchronous mode. Table 49 describes the timing parameters (NF1–NF17) that are shown in the figures.
Table 48. LPDDR2 read cycle
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
LP26
Minimum required DRAM_DATAxx valid window width for LPDDR2
—
230
—
ps
DRAM_SDCLKx_P
DRAM_SDCLKx_N
DRAM_SDQSx_P
DRAM_DATAxx
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LP26
(input)
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com