Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 31Page - NXP Semiconductors IMX7SCEC Datasheet HTML 32Page - NXP Semiconductors IMX7SCEC Datasheet HTML 33Page - NXP Semiconductors IMX7SCEC Datasheet HTML 34Page - NXP Semiconductors IMX7SCEC Datasheet HTML 35Page - NXP Semiconductors IMX7SCEC Datasheet HTML 36Page - NXP Semiconductors IMX7SCEC Datasheet HTML 37Page - NXP Semiconductors IMX7SCEC Datasheet HTML 38Page - NXP Semiconductors IMX7SCEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
35
4.2.1
Internal regulators
4.2.1.1
LDO_1P2
The LDO_1P2 regulator implements a programmable linear-regulator function from VDDA_1P8_IN (see
Table 9 for minimum and maximum input requirements). The typical output of the LDO, VDD_1P2_CAP,
is 1.2 V. It is intended for use with the USB HSIC PHY, which uses this voltage level for its output driver.
For additional information, see the “Power Management Unit (PMU)” chapter of the i.MX 7Solo
Application Processor Reference Manual (IMX7SRM).
4.2.1.2
LDO_1P0D
The LDO_1P0D regulator implements a programmable linear-regulator function from VDDA_1P8_IN
(see Table 9 for minimum and maximum input requirements). The typical output of the LDO,
VDD_1P0D_CAP, is 1.0 V. It is intended for use with the internal physical interfaces, including MIPI. For
additional information, see the i.MX 7Solo Application Processor Reference Manual (IMX7SRM).
4.2.1.3
LDO_1P0A
The LDO_1P0A regulator implements a programmable linear-regulator function from VDDA_1P8_IN
(see Table 9 for minimum and maximum input requirements). The typical output of the LDO,
VDD_1P0A_CAP, is 1.0 V. It is intended for use with the internal analog modules, including the XTAL,
ADC, PLL, and Temperature Sensor. For additional information, see the i.MX 7Solo Application Processor
Reference Manual (IMX7SRM).
4.2.1.4
LDO_USB1_1PO/LDO_USB2_1P0
The LDO_USB1_1P0/LDO_USB2_1P0 regulators implement a fixed linear-regulator function from
VDD_USB_OTG1_3P3_IN and VDD_USB_OTG2_3P3_IN power inputs respectively (see Table 9 for
minimum and maximum input requirements). The typical output voltage is 1.0 V. It is intended for use
with the internal USB physical interfaces (USB PHY1 and USB PHY2). For additional information, see
the i.MX 7Solo Application Processor Reference Manual (IMX7SRM).
Table 19. LDO parameters
Parameter
Min
Max
Units
PVCC_GPIO_AT3P3_1P8
1.6
1.98
V
VDD_1P2
1.1
1.32
V
LPSR_1P0
0.95
1.155
V
VDDA_PHY_1P8
1.6
1.98
V
USB_OTG1_1P0
0.95
1.155
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com