Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 20Page - NXP Semiconductors IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors IMX7SCEC Datasheet HTML 24Page - NXP Semiconductors IMX7SCEC Datasheet HTML 25Page - NXP Semiconductors IMX7SCEC Datasheet HTML 26Page - NXP Semiconductors IMX7SCEC Datasheet HTML 27Page - NXP Semiconductors IMX7SCEC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
24
4.1.4
External clock sources
Each i.MX 7Solo processor has two external input system clocks: a low frequency (RTC_XTALI) and a
high frequency (XTALI).
The RTC_XTALI is used for low-frequency functions. It supplies the clock for wake-up circuit,
power-down real time clock operation, and slow system and watch-dog counters. The clock input can be
connected to either external oscillator or a crystal using internal oscillator amplifier. Additionally, there is
an internal resistor-capacitor (RC) oscillator, which can be used instead of the RTC_XTALI if accuracy is
not important.
The system clock input XTALI is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either an external oscillator or a crystal using
internal oscillator amplifier.
Table 11 shows the interface frequency requirements.
The typical values shown in Table 11 are required for use with NXP BSPs to ensure precise time keeping
and USB operation. For RTC_XTALI operation, two clock sources are available. If there is not an
externally applied oscillator to RTC_XTALI, the internal oscillator takes over.
• On-chip 32 kHz RC oscillator—this clock source has the following characteristics:
— Approximately 25 µA more IDD than crystal oscillator
— Approximately ±10% tolerance
— No external component required
— Starts up faster than 32 kHz crystal oscillator
— Three configurations for this input:
– External oscillator
– External crystal coupled to RTC_XTALI and RTC_XTALO
VDDA_PHY_1P8
VDDA_MIPI_1P8
Connect directly (short) via board level
1 On-chip LDOs are designed to supply i.MX 7Solo loads and must not be used to supply external loads.
Table 11. External input clock frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator1,2
1 External oscillator or a crystal with internal oscillator amplifier.
2 The required frequency stability of this clock source is application dependent. See Hardware Development Guide for
i.MX7Dual and 7Solo Applications Processors.
fckil
—
32.7683
3 Recommended nominal frequency 32.768 kHz.
—
kHz
XTALI Oscillator2,4
4 External oscillator or a fundamental frequency crystal appropriately coupled to the internal oscillator amplifier.
fxtal
24
MHz
Table 10. On-chip LDOs1 and their on-chip loads(continued)
Voltage Source
Load
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com