Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 15Page - NXP Semiconductors IMX7SCEC Datasheet HTML 16Page - NXP Semiconductors IMX7SCEC Datasheet HTML 17Page - NXP Semiconductors IMX7SCEC Datasheet HTML 18Page - NXP Semiconductors IMX7SCEC Datasheet HTML 19Page - NXP Semiconductors IMX7SCEC Datasheet HTML 20Page - NXP Semiconductors IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
19
4
Electrical characteristics
This section provides the device and module-level electrical characteristics for the i.MX 7Solo family of
processors.
4.1
Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 6 for a quick reference
to the individual tables and sections.
SNVS
SNVS_TAMPER00, SNVS_TAMPER01, SNVS_TAMPER02,
SNVS_TAMPER03, SNVS_TAMPER04, SNVS_TAMPER05,
SNVS_TAMPER06, SNVS_TAMPER07, SNVS_TAMPER08,
SNVS_TAMPER09
Float—configure with software
Temperature sensor
TEMPSENSOR_REXT
Tie to ground or pulldown with 100 K
resistor
TEMPSENSOR_RESERVE
Floating
VDD_TEMPSENSOR_1P8
1.8 V
USB HSIC
VDD_USB_H_1P2
Tie to ground
USB_H_DATA, USB_H_STROBE
Floating
USB OTG1
VDD_USB_OTG1_3P3_IN, VDD_USB_OTG1_1P0_CAP
Tie to ground
USB_OTG1_VBUS, USB_OTG1_DP, USB_OTG1_DN,
USB_OTG1_ID, USB_OTG1_REXT, USB_OTG1_CHD_B
Floating
USB OTG2
VDD_USB_OTG2_3P3_IN, VDD_USB_OTG2_1P0_CAP
Tie to ground
USB_OTG2_VBUS, USB_OTG2_DP, USB_OTG2_DN,
USB_OTG2_ID, USB_OTG2_REXT
Floating
Table 6. i.MX 7Solo Chip-level conditions
For these characteristics, …
Topic appears …
Absolute maximum ratings
on page 20
FPBGA case “X” and case “Y” package thermal resistance
on page 21
Operating ranges
on page 22
External clock sources
on page 24
Maximum supply currents
on page 25
Power modes
on page 28
USB PHY Suspend current consumption
on page 31
Table 5. Recommended connections for unused analog interfaces(continued)
Module
Package Net Name
Recommendation
if Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com