Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 7Page - NXP Semiconductors IMX7SCEC Datasheet HTML 8Page - NXP Semiconductors IMX7SCEC Datasheet HTML 9Page - NXP Semiconductors IMX7SCEC Datasheet HTML 10Page - NXP Semiconductors IMX7SCEC Datasheet HTML 11Page - NXP Semiconductors IMX7SCEC Datasheet HTML 12Page - NXP Semiconductors IMX7SCEC Datasheet HTML 13Page - NXP Semiconductors IMX7SCEC Datasheet HTML 14Page - NXP Semiconductors IMX7SCEC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
Modules list
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
11
GPT
General Purpose Timer
Timer peripherals
Each GPT is a 32-bit “free-running” or “set and forget”
mode timer with programmable prescaler and compare
and capture register. A timer counter value can be
captured using an external event and can be configured
to trigger a capture event on either the leading or trailing
edges of an input pulse. When the timer is configured to
operate in “set and forget” mode, it is capable of
providing precise interrupts at regular intervals with
minimal processor intervention. The counter has output
compare logic to provide the status and interrupt at
comparison. This timer can be configured to run either
on an external clock or on an internal clock.
I2C1
I2C2
I2C3
I2C4
I2C Interface
Connectivity
peripherals
I2C provide serial interface for external devices. Data
rates of up to 320 kbps are supported.
IOMUXC
IOMUX Control
System control
peripherals
This module enables flexible IO multiplexing. Each IO
pad has default and several alternate functions. The
alternate functions are software configurable.
KPP
Key Pad Port
Connectivity
peripherals
KPP Supports 8x8 external key pad matrix. KPP
features are:
• Open drain design
• Glitch suppression circuit design
• Multiple keys detection
• Standby key press detection
LCDIF
LCD interface
Multimedia
peripherals
The LCDIF is a general purpose display controller used
to drive a wide range of display devices varying in size
and capability. The LCDIF is designed to support dumb
(synchronous 24-bit Parallel RGB interface).
MIPI-CSI
(two-lane)
MIPI Camera Interface
Multimedia
peripherals
This module provides a two-lane MIPI camera interface
operating up to a maximum bit rate of 1.5 Gbps.
MIPI DSI
(two-lane)
MIPI Display Interface
Connectivity
peripherals
This module provides a two-lane MIPI display interface
operating up to a maximum bit rate of 1.5 Gbps.
DDRC
DDR Controller
Connectivity
peripherals
The DDR Controller has the following features:
• Supports 16/32-bit DDR3/DDR3L, LPDDR3, and
LPDDR2-1066
• Supports up to 2 Gbyte DDR memory space
MQS
Medium-quality sound
module
Multimedia
peripherals
MQS is used to generate 2-channel, medium-quality,
PWM-like audio, via two standard digital GPIO pins.
The electronic specification is the same as the GPIO
digital output.
Table 2. i.MX 7Solo modules list(continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com