Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 81 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 77Page - NXP Semiconductors IMX7SCEC Datasheet HTML 78Page - NXP Semiconductors IMX7SCEC Datasheet HTML 79Page - NXP Semiconductors IMX7SCEC Datasheet HTML 80Page - NXP Semiconductors IMX7SCEC Datasheet HTML 81Page - NXP Semiconductors IMX7SCEC Datasheet HTML 82Page - NXP Semiconductors IMX7SCEC Datasheet HTML 83Page - NXP Semiconductors IMX7SCEC Datasheet HTML 84Page - NXP Semiconductors IMX7SCEC Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
81
4.10.2.4 HS200 Mode Timing
Figure 49 depicts the timing of HS200 mode, and Table 57 lists the HS200 timing characteristics.
Figure 49. HS200 Mode Timing
uSDHC input/Card Outputs DAT (Reference to Strobe)
SD6
uSDHC input skew
tRQ
—
0.45
ns
SD7
uSDHC hold skew
tRQH
—
0.45
ns
Table 57. HS200 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
5.0
—
ns
SD2
Clock Low Time
tCL
0.3*tCLK
0.7*tCLK
ns
SD2
Clock High Time
tCH
0.3*tCLK
0.7*tCLK
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
–1.6
1
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)1
1HS200 is for 8 bits while SDR104 is for 4 bits.
SD8
Card Output Data Window
tODW
0.5*tCLK
—
ns
Table 56. HS400 interface timing specifications(continued)
ID
Parameter
Symbols
Min
Max
Unit
SCK
8-bit output from uSDHC to eMMC
8-bit input from eMMC to uSDHC
SD8
SD7
SD6
SD4/SD5
SD2
SD3
SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com