Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 18Page - NXP Semiconductors IMX7SCEC Datasheet HTML 19Page - NXP Semiconductors IMX7SCEC Datasheet HTML 20Page - NXP Semiconductors IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors IMX7SCEC Datasheet HTML 24Page - NXP Semiconductors IMX7SCEC Datasheet HTML 25Page - NXP Semiconductors IMX7SCEC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
22
Table 9. Operating ranges
Parameter
Description
Symbol
Min
Typ
Max1
Unit
Comment
Run Mode
VDD_ARM
0.95
1.0
1.155
V
Operation at 800 MHz and
below
VDD_SOC
0.95
1.0
1.25
V
—
Standby/
Deep Sleep
mode
VDD_ARM
0
1.0
1.25
V
See Table 14, “Power modes,”
on page 28.
VDD_SOC
0.95
1.0
1.155
V
Power
Supply
Analog
Domain and
LDOs
VDDA_1P8
1.71
1.8
1.89
V
Power for analog LDO and
internal analog blocks. Must
match the range of voltages
that the rechargeable backup
battery supports.
Backup
battery
supply range
VDD_SNVS_IN
2.4
3.0
3.6
V
—
LDO for
Low-Power
State
Retention
mode
VDD_LPSR
1.71
1.8
1.89
V
Power rail for Low Power State
Retention mode
Supply for 24
MHz crystal
VDD_XTAL_1P8
1.650
1.8
1.950
V
—
Temperature
sensor
VDD_TEMPSENSOR
1.710
1.8
1.890
V
—
USB supply
voltages
VDD_USB_OTG1_3
P3_IN
3.0
3.3
3.6
V
This rail is for USB
VDD_USB_OTG2_3
P3_IN
3.0
3.3
3.6
V
This rail is for USB
DDR I/O
supply
voltage
NVCC_DRAM,
NVCC_DRAM_CKE
1.14
1.2
1.3
V
LPDDR2, LPDDR3
1.425
1.5
1.575
V
DDR3
1.283
1.35
1.45
V
DDR3L
DRAM_VREF
0.49 
NVCC_DRAM)
0.5 
NVCC_DRAM
0.51 
NVCC_DRAM
V
Set to one-half NVCC_DRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com