Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 101 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 97Page - NXP Semiconductors IMX7SCEC Datasheet HTML 98Page - NXP Semiconductors IMX7SCEC Datasheet HTML 99Page - NXP Semiconductors IMX7SCEC Datasheet HTML 100Page - NXP Semiconductors IMX7SCEC Datasheet HTML 101Page - NXP Semiconductors IMX7SCEC Datasheet HTML 102Page - NXP Semiconductors IMX7SCEC Datasheet HTML 103Page - NXP Semiconductors IMX7SCEC Datasheet HTML 104Page - NXP Semiconductors IMX7SCEC Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
101
• For loopback DQS sampling, the data strobe is output to the DQS pad
together with the serial clock. The data strobe is looped back from DQS
pad and used to sample input data.
Figure 73. QuadSPI Output/Write Timing (SDR mode)
NOTE
Tcss and Tcsh are configured by the QuadSPIx_FLSHCR register, the default
value of 3 are shown on the timing. Please refer to the i.MX 6SoloX
Reference Manual (IMX6ULLRM) for more details.
Table 74. QuadSPI Output/Write Timing (SDR mode)
Symbol
Parameter
Value
Unit
Min
Max
TDVO
Output data valid time
—
2.5
ns
TDHO
Output data hold time
-0.5
—
ns
TCK
SCK clock period
10
—
ns
TCSS
Chip select output setup time
3
—
SCK cycle(s)
TCSH
Chip select output hold time
3
—
SCK cycle(s)
TCSS
TCK
TCSH
TDVO
TDHO
TDVO
TDHO
QSPIx_SCLK
QSPIx_CS
QSPIx_SIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com