Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 110 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 106Page - NXP Semiconductors IMX7SCEC Datasheet HTML 107Page - NXP Semiconductors IMX7SCEC Datasheet HTML 108Page - NXP Semiconductors IMX7SCEC Datasheet HTML 109Page - NXP Semiconductors IMX7SCEC Datasheet HTML 110Page - NXP Semiconductors IMX7SCEC Datasheet HTML 111Page - NXP Semiconductors IMX7SCEC Datasheet HTML 112Page - NXP Semiconductors IMX7SCEC Datasheet HTML 113Page - NXP Semiconductors IMX7SCEC Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
110
NOTE
HSIC is DDR signal, following timing spec is for both rising and falling
edge.
4.10.14.1 Transmit timing
Figure 85. USB HSIC transmit waveform
4.10.14.2 Receive timing
Figure 86. USB HSIC receive waveform
Table 84. USB HSIC transmit parameters
Name
Parameter
Min
Max
Unit
Comment
Tstrobe
strobe period
4.165
4.169
ns
Todelay
data output delay time
550
1350
ps
Measured at 50% point
Tslew
strobe/data rising/falling time
0.7
2
V/ns
Averaged from 30% – 70% points
Table 85. USB HSIC receive parameters1
1 The timings in the table are guaranteed when:
—AC I/O voltage is between 0.9x to 1x of the I/O supply
—DDR_SEL configuration bits of the I/O are set to (10)b
Name
Parameter
Min
Max
Unit
Comment
Tstrobe
strobe period
4.165
4.169
ns
Thold
data hold time
300
ps
Measured at 50% point
Tsetup
data setup time
365
ps
Measured at 50% point
Tslew
strobe/data rising/falling time
0.7
2
V/ns
Averaged from 30% – 70% points
USB_H_STROBE
USB_H_DATA
Todelay
Tstrobe
Todelay
USB_H_STROBE
USB_H_DATA
Thold
Tstrobe
Tsetup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com