Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 11 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 11 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation CIRCC Datasheet HTML 10Page - SMSC Corporation CIRCC Datasheet HTML 11Page - SMSC Corporation CIRCC Datasheet HTML 12Page - SMSC Corporation CIRCC Datasheet HTML 13Page - SMSC Corporation CIRCC Datasheet HTML 14Page - SMSC Corporation CIRCC Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
11
CONSUMER IR (REMOTE CONTROL)
INTRODUCTION
The CIrCC Consumer IR Remote Control block
is
a
general-purpose
programmable
Synchronous
Amplitude
Shift
Keyed
serial
communications interface that includes a Carrier
Frequency Divider, a Programmable Receive
Carrier Range Sensitivity Register, Receive and
Transmit Modulators and an NEC PPM Frame
Format Decoder.
The Consumer IR transmit block transfers data
LSB
first
between
the
SCE
and
Output
Multiplexer as a fixed bit-cell serial NRZ data
stream. The components of this block can also
modulate serial data at programmable data rates
and carrier frequencies.
Variable length encoding and message framing
is handled during transmit by system software.
Receive message framing may be handled by
either hardware or software. The high degree of
control afforded to the system software allows for
the support of many encoding methods; including
PPM, PWM and RC-5 Remote Control formats.
Register controls for the Consumer IR hardware
can be found in Register Block Two. They are
the
Consumer
IR
Control
Register,
the
Consumer
IR
Carrier
Rate
Register,
the
Consumer IR Bit Rate Register, the Custom
Code Register, the Custom Code’ Register, and
the Data Code Register.
NEC HARDWARE FRAME DECODING
General
The CIrCC implements hardware-level decoding
for the NEC Consumer IR Remote Control
format. The hardware decoder may be used to
generate a wake-up event or to send parts of the
received message frame to the FIFO. The No
Care Custom Code (NCCC), No Care Data Code
(NCDC), PME Wake and Frame bits of the
Consumer IR Control register configure the
hardware decoder.
NEC Consumer IR Format
The NEC Consumer IR Remote Control format
specifies a 38kHz carrier, 13ms of sync framing,
and 32 bits of pulse-position modulated (PPM)
message data. The message data includes an 8
bit Custom Code field, an 8 bit Custom Code’
field, an 8 bit Data Code field, and an 8 bit Data
Code’ field.
A single frame of the NEC PPM
Consumer Remote Control output is shown in
Figure 5.
The Custom Code fields in this protocol uniquely
address message frames for specific devices.
The Custom Code fields can be used as a 16 bit
address or as an 8 bit address followed by the
bit-wise complement of the Custom Code field
Custom Code’. The Data Code field is an 8 bit
command code, Data Code’ is the bit-wise
complement of Data Code.
Note:
The CIrCC hardware can decode NEC
protocol
framing
(sync
pulse,
32
bit
PPM
message data) at any carrier frequency or data
rate, depending on the programmed Carrier
Frequency Divider (CFD) and Bit Rate Divider
(BRD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com