Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 6 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 6 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 2Page - SMSC Corporation CIRCC Datasheet HTML 3Page - SMSC Corporation CIRCC Datasheet HTML 4Page - SMSC Corporation CIRCC Datasheet HTML 5Page - SMSC Corporation CIRCC Datasheet HTML 6Page - SMSC Corporation CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation CIRCC Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
Table 4 - HOST Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
D0-D7
8
Bi-directional
Host Data Bus
A0-A2
3
Input
CIrCC Register Address Bus
nIOR
1
Input
ISA I/O Read
nIOW
1
Input
ISA I/O Write
AEN
1
Input
ISA Address Enable
DRQ
1
Output
DMA Request
nDACK
1
Input
ISA DMA Acknowledge
TC
1
Input
ISA DMA Terminal Count
IRQ
1
Output
Interrupt Request
IOCHRDY
1
Output
ISA I/O Channel Ready
nSRDY
1
Output
ISA Synchronous Ready (Zero Wait State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com