Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 14 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 14 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 10Page - SMSC Corporation CIRCC Datasheet HTML 11Page - SMSC Corporation CIRCC Datasheet HTML 12Page - SMSC Corporation CIRCC Datasheet HTML 13Page - SMSC Corporation CIRCC Datasheet HTML 14Page - SMSC Corporation CIRCC Datasheet HTML 15Page - SMSC Corporation CIRCC Datasheet HTML 16Page - SMSC Corporation CIRCC Datasheet HTML 17Page - SMSC Corporation CIRCC Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
14
Bit Rate Divider
The Transmit and Receive Bit Rate Divider
register is used to extract a serial NRZ data
stream for the CIrCC SCE. The divider is eight
bits wide.
The input clock to the Bit Rate Divider is 100kHz
(Carrier Frequency Divider input clock
÷ 16).
The relationship between the Bit Rate Divider
(BRD) and the Bit Rate (Fb) is as follows:
BRD = (.1MHz/Fb) - 1
For example, program the Bit Rate Divider with
55 ('37'Hex) for a .562ms Remote Control bit cell
like for the NEC remote control frame format: Fb
= 1.786kHz.
This is ~.5% accuracy. Table 9
contains
representative
BRD
vs.
Bit
Rate
relationships. The Bit Rate range is 100kHz to
390.625Hz.
It is important to note that the bit rate as
determined by the SCE CIR Bit Rate Divider
register is not necessarily the data signaling rate
for
any
given
consumer
remote
control
modulation scheme. For example, to support the
NEC PPM remote control message frame format
in the CIrCC, the value programmed in the SCE
CIR Bit Rate register must be one half of the
signaling rate for an NEC PPM “0” (see Figure
5).
Table 9 - Representative Bit Rates
BRD
003
007
011
015
019
023
027
031
035
039
043
047
051
055
059
063
Fb (kHz)
25.000
12.500
8.333
6.250
5.000
4.167
3.571
3.125
2.778
2.500
2.273
2.083
1.923
1.786
1.667
1.563
BRD
067
071
075
079
083
087
091
095
099
103
107
111
115
119
123
127
Fb (kHz)
1.471
1.389
1.316
1.250
1.190
1.136
1.087
1.042
1.000
0.962
0.926
0.893
0.862
0.833
0.806
0.781
BRD
131
135
139
143
147
151
155
159
163
167
171
175
179
183
187
191
Fb (kHz)
0.758
0.735
0.714
0.694
0.676
0.658
0.641
0.625
0.610
0.595
0.581
0.568
0.556
0.543
0.532
0.521
BRD
195
199
203
207
211
215
219
223
227
231
235
239
243
247
251
255
Fb (kHz)
0.510
0.500
0.490
0.481
0.472
0.463
0.455
0.446
0.439
0.431
0.424
0.417
0.410
0.403
0.397
0.391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com