Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 10 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 10 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 6Page - SMSC Corporation CIRCC Datasheet HTML 7Page - SMSC Corporation CIRCC Datasheet HTML 8Page - SMSC Corporation CIRCC Datasheet HTML 9Page - SMSC Corporation CIRCC Datasheet HTML 10Page - SMSC Corporation CIRCC Datasheet HTML 11Page - SMSC Corporation CIRCC Datasheet HTML 12Page - SMSC Corporation CIRCC Datasheet HTML 13Page - SMSC Corporation CIRCC Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
OPERATION MODES
RAW IR
In Raw mode the state of the IR emitter and
detector can be directly accessed through the
host interface (Figure 3).
The IR emitter tracks the Raw Tx Control bit in
SCE Line Control Register A.
For example,
depending on the state of the Tx Polarity control
a logic '1' may turn the LED on and a logic '0'
may turn the LED off.
Care must be taken in
software to ensure that the LED is not on
continuously.
The Raw Rx Control bit in SCE Line Control
Register A represents the state of the PIN diode.
For example, depending on the state of the Rx
Polarity control a logic '1' may mean no IR is
detected, a logic '0' may mean IR is being
detected. If an IR carrier is present, the Raw Rx
Control bit will oscillate at the carrier frequency.
If enabled, a Raw Mode Interrupt will occur when
the Raw Rx Control bit transitions to the active
state, depending on the state of the Rx Polarity
control.
Raw Mode is enabled with the Block
Control Bits in SCE Configuration Register A
(see page 30).
RAW Tx
Registers
Transition
Detect
Enable
Interrupt
Encoder/Decoder
RAW Rx
FIGURE 3 - RAW IR BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com