Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 67 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 67 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 62Page - SMSC Corporation CIRCC Datasheet HTML 63Page - SMSC Corporation CIRCC Datasheet HTML 64Page - SMSC Corporation CIRCC Datasheet HTML 65Page - SMSC Corporation CIRCC Datasheet HTML 66Page - SMSC Corporation CIRCC Datasheet HTML 67Page - SMSC Corporation CIRCC Datasheet HTML 68Page - SMSC Corporation CIRCC Datasheet HTML 69Page - SMSC Corporation CIRCC Datasheet HTML 70Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
67
TRANSMIT PULSE WIDTH LIMIT
The Transmit Pulse Width Limit reduces the risk
of thermal damage to the transmit LED during
message transactions or from the unpredictable
affects that can occur during a power-on-reset.
The Transmit Pulse Width Limit hardware is
controlled by the TX PW LIMIT bit (see Tx PW
Limit, bit 6, on page 33). The Transmit Pulse
Width Limit hardware must apply to all encoders,
particularly the Consumer IR Encoder and the
RAW Mode encoder (Figure 36).
When the TX PW LIMIT bit is high, active Tx
levels trigger the Transmit Pulse Width Limit
hardware.
If an active Tx pulse goes inactive
before 100Fs, the Transmit Pulse Width Limit
hardware is deactivated until the next active Tx
level. If the transmit pulse exceeds 100Fs, the
hardware deactivates Tx for 300Fs and cannot
re-activate it until the input to the Transmit Pulse
Width Limit hardware has gone inactive and
active again (Figure 37). When the TX PW LIMIT
bit is low, the Transmit Pulse Width Limit
hardware is disabled.
APPLICATION
NOTE:
The
Transmit
Pulse
Width Limit can seriously distort low frequency
Consumer IR carriers (
≤ 5kHz) or unmodulated
low frequency Consumer IR bit rates.
TX PW LIMIT IN
TX PW LIMIT OUT
100us
300us
FIGURE 37 - TRANSMIT PULSE WIDTH LIMIT EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com