Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 25 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 25 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 21Page - SMSC Corporation CIRCC Datasheet HTML 22Page - SMSC Corporation CIRCC Datasheet HTML 23Page - SMSC Corporation CIRCC Datasheet HTML 24Page - SMSC Corporation CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation CIRCC Datasheet HTML 27Page - SMSC Corporation CIRCC Datasheet HTML 28Page - SMSC Corporation CIRCC Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
25
REGISTER BLOCK ZERO
Register Block Zero contains the SCE Data
Register, the Interrupt Control/Status registers,
the Line Control/Status registers, and the Bus
Status register (Table 15). Typically, the controls
in
Register
Block
Zero
are
used
during
Consumer IR message transactions.
Bits and
registers marked “reserved” in the table below
cannot be written and return 0s when read.
Programmers must set reserved bits to 0 when
writing to registers that contain reserved bits.
Table 15 - Register Block Zero
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
Data Register
0
0
1
RO
Interrupt Identification Register
‘00’hex
active
frame
eom
raw
mode
fifo
IR
busy
reserved
0
1
0
R/W
Interrupt Enable Register
'00'hex
active
frame
eom
raw
mode
fifo
IR
busy
reserved
0
1
1
RO
Line Status Register (read)
'00'hex
under-
run
over-
run
frame
error
reserved
frame
abort
reserved
0
1
1
WO
Line Status Address Register (write)
reserved
status register
address
1
0
0
R/W
Line Control Register A
'00'hex
fifo
reset
reserved
raw tx
raw rx
reserved
1
0
1
R/W
Line Control Register B
'00'hex
sce modes
bits
reserved
message count
1
1
0
RO
Bus Status Register
'00'hex
not
empty
fifo
full
time-
out
reserved
valid
frame
Data Register (Address 0)
The Data Register is the FIFO access port.
Typically, the user will only write to the FIFO
when transmitting and read from the FIFO when
receiving. The host always has read access to
the FIFO regardless of the state of the SCE
Modes bits or the Loopback bit.
Host read
access to the FIFO is blocked when the FIFO is
empty. The host has write access to the FIFO
only when the Loopback bit is inactive and the
SCE Modes bits are zero or Transmit mode is
enabled.
Host write access to the FIFO is
blocked when the FIFO is full.
Interrupt Identification Register (Address 1)
When an interrupt is active the associated
interrupt identifier bit in the IID register is also
active regardless of the state of its individual
interrupt enable or the Master Interrupt Enable,
except for the FIFO Interrupt.
The Master
Interrupt Enable and the individual Interrupt
Enables serve only to enable the IID register
interrupts onto the Interrupt Request bus IRQ
shown in the Interface Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com