Electronic Components Datasheet Search
  English  ▼

X  

CIRCC Datasheet(PDF) 26 Page - SMSC Corporation

Part # CIRCC
Description  Consumer Infrared Communications Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CIRCC Datasheet(HTML) 26 Page - SMSC Corporation

Back Button CIRCC Datasheet HTML 22Page - SMSC Corporation CIRCC Datasheet HTML 23Page - SMSC Corporation CIRCC Datasheet HTML 24Page - SMSC Corporation CIRCC Datasheet HTML 25Page - SMSC Corporation CIRCC Datasheet HTML 26Page - SMSC Corporation CIRCC Datasheet HTML 27Page - SMSC Corporation CIRCC Datasheet HTML 28Page - SMSC Corporation CIRCC Datasheet HTML 29Page - SMSC Corporation CIRCC Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
26
Active Frame Interrupt, bit 7
When this bit is one, an Active Frame has
occurred (see the Active Frame Indicator section
on page 54).
The Active Frame typically
indicates that the SCE receiver has detected a
valid infrared carrier.
Reading the Interrupt
Identification register resets the Active Frame
Interrupt bit.
EOM Interrupt, bit 6
When this bit is one, an End of Message has
occurred. The EOM bit indicates the end of an
Abort,
FIFO
underruns/overruns
and
DMA
Terminal
Counts.
Reading
the
Interrupt
Identification register resets the EOM bit.
Raw Mode Interrupt, bit 5
When this bit is one, a Raw Mode interrupt has
occurred. The Raw Mode Interrupt indicates that
the Raw Rx Control bit has gone active. Reading
the Interrupt Identification register resets the Raw
Mode Interrupt bit.
FIFO Interrupt, bit 4
When this bit is one, a FIFO Interrupt has
occurred. The FIFO Interrupt indicates that the
FIFO Interrupt Enable is active and either a
TxServReq or a RxServReq has occurred. The
FIFO Interrupt bit is cleared when the interrupt is
disabled; i.e., reading the Interrupt Identification
register does not reset the FIFO Interrupt bit (see
the FIFO Interrupt section on page 57).
IR Busy, bit 3
The IR Media Busy hardware sets the IR Busy bit
in the IID high if an infrared pulse that is greater
than TPW_MIN has occurred at the receiver input,
except during message transmit or during the IR
Half Duplex Timeout following message transmit.
TPW_MIN can be defined as 20ns#TPW_MIN#30ns
The
IR
Media
Busy
hardware
operates
independently of the IR Rx Pulse Rejection
filters, the programmed receive data rate, or the
state of the ACE or SCE Rx Enables (see Figure
36).
Reading the IID register will reset the IR
Busy bit. The IR Busy bit is also reset following
Master Reset and POR. If the IR Busy Enable
bit is high, the IR Busy Interrupt is enabled onto
the Interrupt Request bus IRQ if the master
Interrupt Enable is also active.
The IR Busy
Enable bit does not affect the IR Busy bit in the
IID.
PROGRAMMER’S NOTE: The IR Busy bit may
be unintentionally activated during IR Mode
changes.
Interrupt Enable Register (Address 2)
Setting any of the bits in this register to one
enables
the
associated
interrupt
(see
the
Interrupt Identification Register).
Interrupts will
only occur if both the interrupt enable bit and the
Master Interrupt Enable bit (see the Master Block
Control Register) are active.
The interrupt enables do not affect the state of
the interrupts, except for the FIFO Interrupt. For
example, a Raw Mode interrupt that occurs while
the Raw Mode Interrupt Enable is inactive will be
visible in the IID register but will not affect IRQ.
Line Status Register(s) (Address 3)
Error Indicators (read-only)
There are eight Line Status Registers at address
3.
Each register is read-only and is accessed
using the three Status Register Address bits,
also
located
at
this
address.
The
FIFO
Underrun, FIFO Overrun, Frame Error, and
Frame Abort Error flags indicate the status of any
one of eight message frames.
The Error
Indicators, in all registers, are reset following a
Master Reset, Power-On-Reset, and Error Reset
(see the Master Block Control Register).
The
error indicators for the current status register only
(see the Message Count bits) are reset following
a valid start of frame sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com