Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CLD134 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Smartec CLD134
4
Endress+Hauser
ENDRESS+HAUSER
SMARTEC S
ALARM
CAL
E
+
–
A
B
C
A0005438
 2
Example of a measuring system with CLD134
A
CLS54 conductivity sensor
B
Smartec CLD134 transmitter
C
Smartec CLD134 compact version with integrated CLS54 conductivity sensor
Input
Measured values
Conductivity
Concentration
Temperature
Measuring range
Conductivity:
Recommended range: 100 μS/cm to 2000 mS/cm
(uncompensated)
Concentration:
NaOH:
0 to 15 %
HNO3:
0 to 25 %
H2SO4:
0 to 30 %
H3PO4:
0 to 15 %
User 1 (to 4):
(4 tables available in versions with additional "remote
parameter set configuration" function)
Temperature:
–35 to +250 °C (-31 to +482 °F)
Temperature measurement
Pt 1000
Sensor cable
Max. cable length of 55 m (180 ft.) with CLK6 cable (remote version)
Binary inputs 1 and 2
Voltage
10 to 50 V
Current consumption
Max. 10 mA at 50 V
Output
Output signal
Conductivity, concentration:
0 / 4 to 20 mA, galvanically isolated
Temperature (optional second current output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com