Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Smartec CLD134
8
Endress+Hauser
Power consumption
Max. 7.5 VA
Mains fuse
Fine-wire fuse, semi-delay 250 V/3.15 A
Cable cross-section
Cable length ≤ 10 m (33 ft)
At least 3 x 0.75 mm² ( 18 AWG)
Cable length > 10 ≤ 20 m (> 33 ≤ 66 ft)
At least 3 x 1.5 mm² ( 24 AWG)
Performance characteristics
Measured value resolution
Temperature:
0.1 °C
Response time
Conductivity:
t95 < 1.5 s
Temperature:
t90 < 26 s
Measured error of sensor 1)
Conductivity:
± (0.5 % of reading + 10 μS/cm) after calibration
(plus uncertainty of the conductivity of the calibration
solution)
Temperature:
Pt 1000 Class A according to IEC 60751
Measured error of
transmitter 2)
Conductivity:
- Display:
Max. 0.5 % of measured value ± 4 digits
- Conductivity signal output:
Max. 0.75 % of current output range
Temperature:
- Display:
Max. 0.6 % of measuring range
- Temperature signal output:
Max. 0.75 % of current output range
Repeatability 3)
Conductivity:
Max. 0.2 % of measured value ± 2 digits
Cell constant
6.3 cm-1
Measuring frequency
(oscillator)
2 kHz
Temperature compensation
Range
–10 to +150 °C (+14 to +302 °F)
Types of compensation
• None
• Linear with user-configurable temperature coefficient
• A user-programmable coefficient table (four tables in
versions with remote parameter set configuration)
• NaCl in accordance with IEC 60746-3
Minimum distance for table:
1 K
Reference temperature
25 °C (77 °F)
Temperature offset
Adjustable, ± 5 °C, for adjusting the temperature display
1)
In accordance with DIN IEC 746 Part 1, at rated operating conditions
2)
In accordance with DIN IEC 746 Part 1, at rated operating conditions
3)
In accordance with DIN IEC 746 Part 1, at rated operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com