Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 23 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 23 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 18Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 19Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 20Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 21Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 22Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 23Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 24Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Smartec CLD134
Endress+Hauser
23
Accessories
Cable extension
Measuring cable CLK6
• Extension cable for inductive conductivity sensors, for extension via VBM junction box
• Sold by the meter, order number: 71183688
VBM
• Junction box for cable extension
• 10 terminal strips
• Cable entries: 2 x Pg 13.5 or 2 x NPT ½"
• Material: aluminum
• Degree of protection: IP 65
• Order numbers
– Cable entries Pg 13.5 : 50003987
– Cable entries NPT ½": 51500177
Depending on the ambient conditions, the inserted desiccant pouch must be checked and
replaced at regular intervals to prevent incorrect measurements resulting from moisture bridges
in the measuring line.
Desiccant pouch
• Desiccant pouch with color indicator for VBM junction box
• Order No. 50000671
Post mounting kit
Post mounting kit
• Mounting kit for securing the Smartec CLD132/CLD134 on horizontal and vertical pipes (max. Ø
60 mm (2.36"))
• Material: stainless steel 1.4301 (AISI 304)
• Order No. 50062121
A0004902
 20
Mounting kit for mounting the CLD132/CLD134 remote version on a post (base plate is included in the
scope of delivery for the transmitter)
Software upgrade
Function upgrade
• Remote parameter set configuration (measuring range switching, MRS) and determination of
temperature coefficient;
• Order No. 51501643
• The serial number of the device must be specified when ordering.
Optoscope
Optoscope
• Interface between the transmitter and PC/laptop for service purposes.
• The necessary Windows software "Scopeware" is supplied with the optoscope.
• The optoscope is supplied in a sturdy case along with all the necessary accessories.
• Order No.: 51500650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com