Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Smartec CLD134
Endress+Hauser
7
J
83
11
S
12
16
15
84
13
GN WH YE
RD
WH
BU
RD
RD
BU
CLS54
A0004906
 4
CLD134 wiring diagram
Cable entries
A
1
2
3
4
5
6
B
1
2
3
4
5
A0005439
 5
Arrangement of cable entries
A
Separate version
B
Compact version
1
Dummy plug, analog output, binary input
1
Dummy plug, analog output, binary input
2
Cable entry for fault-signaling contact
2
Cable entry for fault-signaling contact
3
Cable entry for power supply
3
Cable entry for power supply
4
Functional earth (FE)
4
Functional earth (FE)
5
Pressure compensation element PCE (Goretex® filter)
5
Pressure compensation element PCE (Goretex®
filter)
6
Cable entry for sensor connection, Pg 9
Supply voltage
Depending on order version:
• 100/115/230 V AC +10/-15 %, 48 to 62 Hz
• 24 V AC/DC +20/-15 %
Circuit breaker
NOTICE
The device does not have a power switch
‣ The customer must provide a protected circuit breaker in the vicinity of the device.
‣ The circuit breaker must be a switch or power switch, and you must label it as the circuit breaker
for the device.
‣ At the supply point, the power supply must be isolated from dangerous live cables by double or
reinforced insulation in the case of devices with a 24 V supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com