| Electronic Components Datasheet Search |
|
CLD134 Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG |
|
|
|||||||||||||||||||||||||||||
CLD134 Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG |
|
20 / 24 page ![]() Smartec CLD134 20 Endress+Hauser CALIBRATION C Calibration of cell constant; calibration of residual coupling; entry of installation factor; adaptive calibration MEAS. VALUE TEMPERATURE Display Current temperature display can be suppressed by pressing the PLUS key Display of active errors (sequence according to priority) SETUP 1 A Selection of measurement unit, entry of measured value damping SETUP 2 B Temperature measurement and temperature compensation CURRENT OUTPUT O Adjustment of current output assignment, curve and simulation for verification ALARM F Selection of contact type; adjustment of switching behaviour; adjustment of error current CHECK C* Adjustment of live-check alarm RELAY R* Configuration of contact as limit contactor or alarm contact ALPHA TABLE T Definition of table for temperature compensation (up to 10 value pairs) α CONCENTRATION K Selection and editing of concentration curves (4 defined, up to 4 free curves) SERVICE S Selection of language version; configuration of HOLD function; entry of release codes INTERFACE I* Entry of device address for communication interfaces HART or PROFIBUS TEMP.COEFF. D* Determination of temperature coefficient REMOTE PARAMETER SET SWITCHING M* Selection of digital inputs and parameter sets for remote switching (Measuring range switching) A0027590-EN 19 Overview of the Smartec CLD134 menu, with all possible options that can be installed * Menus not available in basic device version Certificates and approvals Hygiene FDA All materials in contact with the product are listed by the FDA. EHEDG The cleanability of the CLS54 sensor is certified to EHEDG Type EL - Class I. When using the sensor in hygienic applications, please note that the cleanability of the sensor also depends on the way the sensor is installed. To install the sensor in a pipe, use the appropriate and EHEDG-certified flow vessels for the particular process connection. 3-A Certified according to 3-A Standard 74- ("3-A Sanitary Standards for Sensor and Sensor Fittings and Connections Used on Milk and Milk Products Equipment"). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |