Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Smartec CLD134
6
Endress+Hauser
Power supply
Electrical connection
15 V
85
10-50 V
81
82
10-50 V
93
94
41
Lf
mA
mA
33
11
S
84
83
15
16
~
–
~
–
32
31
34
12
13
86
42
optional
A
B
C
E
D
F
G
H
I
PE
43
A0004895
 3
Electrical connection CLD134
A
Signal output 1, conductivity
F
Conductivity sensor
B
Signal output 2, temperature
G
Temperature sensor
C
Auxiliary voltage output
H
Alarm (current-free contact position)
D
Binary input 2 (MRS 1+2)
I
Power supply
E
Binary input 1 (hold / MRS 3+4)
MRS: remote parameter set configuration (measuring range switching)
Sensor connection
The remote sensor version is connected using a shielded, multi-core fixed cable. You must use the
VBM junction box and the CLK6 extension cable to extend the cable (see "Accessories").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com