Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Smartec CLD134
10
Endress+Hauser
1
2
a[inch]
0
5
10
15
20
25
25
a[mm]
0.80
1.00
1.20
1.40
f
0.20
0.39
0.59
0.79
0.98
A0005441
 8
Relationship between installation factor f and wall distance a
1
Electrically conductive pipe wall
2
Electrically insulating pipe wall
Air set
To compensate for residual coupling between the two coils and in the cable, zero adjustment in air
("air set") must be performed before the sensor is installed.
Installation of CLD134,
remote version
142 (5.59)
175 (6.89)
225 (8.86)
Ø 7 (0.28)
A0005632
 9
CLD134 wall mounting, remote version
Wall mounting is not recommended in areas with strict hygiene requirements!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com