Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLD134 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Smartec CLD134
Endress+Hauser
3
• Process temperature, process pressure
The use of special materials means that the sensor is suitable for exposure to continuous
temperatures of up to 125 °C (257 °F). It may be exposed to temperatures of up to 150 °C (300 °F)
for a short time (max. 60 minutes) for sterilization phases. The sensor's pressure-resistance is 12
bar (174 psi), abs at temperatures up to 90 °C (194 °F) and at higher temperatures is always above
the steam pressure. The sensor is suitable for underpressure applications.
• Temperature measurement
The sensor has an integrated temperature sensor with a temperature response time t90 of less
than 26 s, making efficient phase separations possible at varying and quickly changing process
temperatures. The temperature sensor is embedded into the PEEK body without any seals, thereby
ensuring a long sensor service life.
• Temperature compensation
The following types of temperature compensation are available in the Smartec CLD134:
– Linear compensation with user-configurable temperature coefficient α
– Compensation according to IEC 60746-3 for NaCl
– Compensation according to user-programmable coefficient table with a maximum of 10
elements.
• Concentration Measurement
The transmitter can be switched from the conductivity operating mode to the concentration mode.
In the concentration mode, four user-programmable and various pre-programmed concentration
curves are available, especially for common CIP solutions. In this way, it is possible to display the
concentration directly as a %.
• Remote parameter set configuration
Smartec CLD134 can be ordered with remote parameter set configuration (measuring range
switching, MRS) in order to:
– Cover a large measuring range.
– Adjust temperature compensation when the product is changed.
– Switch between concentration curves.
• Device versions
The Smartec CLD134 measuring system is available as both a compact version for simple
installation and as a remote version (the sensor and transmitter are connected by a cable).
Furthermore, the transmitter can be ordered separately without a sensor.
Measuring system
A complete measuring system comprises:
• The remote version of the Smartec CLD134 transmitter
• The CLS54 conductivity sensor with an integrated temperature sensor and fixed cable
or
• The compact version with the integrated CLS54 conductivity sensor
Optionally for the remote version: CLK6 extension cable, VBM junction box, mounting kit for post
mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com