Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CLD134 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Smartec CLD134
Endress+Hauser
5
Signal on alarm
2.4 or 22 mA in the event of an error
Load
Max. 500 Ω
Transmission range
Conductivity
Configurable
Temperature
Configurable
Signal resolution
Max. 700 digits/mA
Separation voltage
Max. 350 VRMS / 500 V DC
Minimum spread of output
signal
Conductivity
Measured value 200 to 1999 μS/cm
200 μS/cm
Measured value 0 to 19.99 mS/cm
2 mS/cm
Measured value 20 to 200 mS/cm
20 mS/cm
Measured value 200 to 2000 mS/cm
200 mS/cm
Concentration
No minimum spread
Temperature
15 °C or 27 °F
Overvoltage protection
According to EN 61000-4-5:1995
Auxiliary voltage output
Output voltage
15 V ± 0.6 V
Output current
Max. 10 mA
Contact outputs
Switching current with ohmic load (cos φ = 1)
Max. 2 A
Switching current with inductive load (cos φ = 0.4) Max. 2 A
Switching voltage
Max. 250 V AC, 30 V DC
Switching power with ohmic load (cos φ = 1)
Max. 500 VA AC, 60 W DC
Switching power with inductive load (cos φ = 0.4) Max. 500 VA AC
Limit contactors
Pickup/dropout delay
0 to 2000 s
(for versions with remote parameter set configuration)
Alarm
Function (switchable):
Latching/momentary contact
Alarm delay:
0 to 2000 s (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com