Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 18 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 18 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 18Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 19Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 20Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 21Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 22Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Smartec CLD134
18
Endress+Hauser
62.6(2.46)
78.5(3.09)
58(2.28)
0
11(0.43)
126(4.96)
Ø 64.7(2.55)
Ø 57.7(2.27)
78.5(3.09)
58(2.28)
0
4(0.16)
126(4.96)
78.5(3.09)
58(2.28)
0
2.85(0.11)
54.5(2.15)
64(2.52)
126(4.96)
78.5(3.09)
58(2.28)
66.85(2.63)
0
126(4.96)
A
B
C
D
A0005436
 17
Process connections for CLS54 (long version), dimensions in mm (inch)
A
Sanitary connection DIN 11851, DN 50
B
SMS coupling 2"
C
Clamp ISO 2852 , 2"
D
Aseptic coupling DIN 11864-1 form A, for pipe according to DIN 11850, DN 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com