Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 19 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 19 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 18Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 19Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 20Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 21Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 22Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 23Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Smartec CLD134
Endress+Hauser
19
Operability
Display and operating
elements
ENDRESS+HAUSER
SMARTEC S
ALARM
CAL
E
+
–
2000
mS/cm
O213
20 mA
1
2
3
4
A0004899
 18
Display and keys of the CLD134
1
LC display for displaying the measured values and configuration data
2
Four operating keys for calibration and device configuration
3
Field for user-defined information
4
Light emitting diode for alarm function
Operation
You can choose from the following options to operate the Smartec CLD134:
• Via the Smartec keypad
The four operating keys are covered by the housing cover. To operate the Smartec, loosen the four
screws and open the housing cover.
• Via the HART interface
– HART handheld terminal
– PC with HART modem and FieldCare software package (with FDT/DTM technology)
• Via PROFIBUS PA/DP by PC with a corresponding interface and the Fieldcare software package
(with FDT/DTM technology) or via a programmable logic controller (PLC).
Operating functions
All the device's operating functions are arranged in a clear menu structure. The individual
parameters can only be modified once the access code has been entered. The current position in the
menu structure is indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com