Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Smartec CLD134
Endress+Hauser
9
Installation
Installation instructions
For a 3-A compliant installation, the following must be noted:
After the instrument is installed its hygienic integrity shall be maintained. All process
connections must be 3-A compliant.
The sensor must be completely immersed in the medium. Avoid air bubbles in the area of the sensor.
A0017691
 6
Orientation of conductivity sensors
If the flow direction changes (after pipe bends), turbulence in the medium can result. Install the
sensor at a distance of at least 1 m (3.3 ft) downstream from a pipe bend.
The ionic current in the liquid is affected by the walls in confined
installation conditions. This effect is compensated by what is referred
to as the installation factor. The installation factor can be entered in
the transmitter for the measurement or the cell constant is corrected
by multiplying by the installation factor.
The value of the installation factor depends on the diameter and the
conductivity of the pipe nozzle as well as the distance a between the
sensor and the wall.
The installation factor can be disregarded (f = 1.00) if the distance to
the wall is sufficient (a > 15 mm, from DN 65).
If the distance to the wall is smaller, the installation factor increases
for electrically insulating pipes (f > 1) and decreases for electrically
conductive pipes (f < 1).
It can be measured using calibration solutions, or a close
approximation can be determined from the diagram below.
A0005440
 7
Installation of
CLD134
a
Wall distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com