Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 15 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 15 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 18Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 19Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Smartec CLD134
Endress+Hauser
15
Mechanical construction
Dimensions
Remote version with mounting plate:
L x B x D: 225 x 142 x 109 mm (8.86 x 5.59 x 4.29 ")
Compact version:
Version MV5, CS1, AA5, SMS:
L x B x D: 225 x 142 x 255 mm (8.86 x 5.59 x 10.04 ")
Version VA4, BC5:
L x B x D: 225 x 142 x 213 mm (8.86 x 5.59 x 8.39 ")
Weight
Remote version:
Transmitter:
Approx. 2.5 kg (5.5 lb.)
CLS54 sensor:
Depending on version 0.3 to 0.5 kg (0.66 to 1.1 lb.)
Compact version with CLS54 sensor:
Approx. 3 kg (6.6 lb.)
Materials of CLS54 sensor (in
contact with medium)
In contact with medium:
Virgin PEEK
Not in contact with medium:
PPS-GF40
Stainless steel 1.4404 (AISI 316L)
Screws: 1.4301 (AISI 304)
FKM, EPDM (seals)
PVDF (cable glands - remote version only)
TPE (cable - remote version only)
Materials of transmitter
Housing:
Stainless steel 1.4301 (AISI 304)
Front window:
Polycarbonate
Chemical resistance of CLS54
sensor
Medium
Concentration
PEEK
Caustic soda NaOH
0 to 15 %
20 to 90 °C (68 to 194 °F)
Nitric acid HNO3
0 to 10 %
20 to 90 °C (68 to 194 °F)
Phosphoric acid H3PO4
0 to 15 %
20 to 80 °C (68 to 176 °F)
Sulfuric acid H2SO4
0 to 30 %
20 °C (68 °F)
Peracetic acid H3C-CO-OOH
0.2 %
20 °C (68 °F)
Errors and omissions excepted
Process connections of
CLD134
• Sanitary connection DIN 11851, DN 50 a)
• Aseptic coupling DIN 11864-1 form A, for pipe according to DIN 11850, DN 50 (the sensor has
the shape of the aseptic liner)
• Clamp ISO 2852 (also for TriClamp®, DIN 32676), 2" (long design)
• SMS coupling 2" b)
• Varivent N DN 40 - 125
• NEUMO BioControl D50, DN 40.2"
Additional process connections are available on request.
a)
Sanitary connection DIN 11851 is generally not considered to be hygienic. With the SKS
Siersma adapter, this process connection meets the requirements of the 3-A standard.
b)
The process connection does not meet the EHEDG hygienic requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com