Electronic Components Datasheet Search
  English  ▼

X  

CLD134 Datasheet(PDF) 14 Page - Endress+Hauser Group Services AG

Part # CLD134
Description  Smartec CLD134
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD134 Datasheet(HTML) 14 Page - Endress+Hauser Group Services AG

Back Button CLD134 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLD134 Datasheet HTML 18Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Smartec CLD134
14
Endress+Hauser
Permitted temperature
ranges of the Smartec
CLD134
60
80
100
120
140
20
40
0
10
0
–10
–10
20
30
40
50
55
55
35
60
[° C]
[° C]
A
B
C
70
Medium temperature
95
131
131
257
284
[°F]
[°F]
32
68
104
140
176
212
248
32
50
68
86
104
122
140
158
A0005499-EN
 12
Permitted temperature ranges of Smartec CLD134
A
CLS54 sensor with remote version
B
Compact version
C
Temporarily for sterilization (< 60 min)
Pressure-temperature
ratings of CLS54 sensor
A
50
70
1 0
1
1 0
5
10
30
125
90
0
–10
[° C]
9
13
[bar]
32 50
86
122
158
230
302
194
257
[°F]
130.5
188.5
[psi]
6
B
1
87
14.5
p (abs.)
A0008379
 13
Pressure temperature ratings
A
Temporarily for sterilization (max. < 60 minutes)
B
MAWP (maximum allowable working pressure) according to ASME-BPVC Sec. VIII, Div 1, UG101 for CRN
registration
Flow velocity
Max. 5 m/s (16.4 ft/s) for low-viscosity media in DN65 pipes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com