Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 36Page - NXP Semiconductors PCD6001 Datasheet HTML 37Page - NXP Semiconductors PCD6001 Datasheet HTML 38Page - NXP Semiconductors PCD6001 Datasheet HTML 39Page - NXP Semiconductors PCD6001 Datasheet HTML 40Page - NXP Semiconductors PCD6001 Datasheet HTML 41Page - NXP Semiconductors PCD6001 Datasheet HTML 42Page - NXP Semiconductors PCD6001 Datasheet HTML 43Page - NXP Semiconductors PCD6001 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
2001 Apr 17
40
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
10.12 MSK modem
The MSK modem is used for in-band signalling between
handset and base in analog cordless telephone systems
CT0, CT1 and CT1+. The MSK modems receiver and
transmitter can be enabled separately. Receive and
transmit interrupts can wake-up the microcontroller during
its power saving Idle mode. The baud rates are
programmable between 1200 and 4800 baud. Figure 14
shows the functional diagram of the MSK modem.
The MIN input is the alternative input of P3.7 and
MOUT[2:0] is the alternative output of P3.0, P3.1 and
P3.6. The RX and TX mute can be done in software by any
pin of MA, P1, P3 and P2. The MTI and MRI interrupts are
OR-ed together to a single interrupt called msk_int. So the
msk_in interrupt handler should investigate the status of
the MRI and MTI bit in the MCON SFR.
The MOUT[2:0] outputs and the MIN input are alternative
functions of P3.0, P3.1, P3.6 and P3.7. The MOUT[2 :0]
outputs are ‘111’ when the MSK transmitter is disabled
(default after reset). Therefore, P3.0, P3.1, P3.6 and P3.7
can still be used as general purpose I/O ports. Setting bit 7
of MSTAT will invert the MIN polarity.
The modem has the following features:
• Full-duplex operation via 8-bit parallel interface; the
message is fully Manchester coded/decoded
• Automatic detection of 16 bit Manchester preamble
pattern
• The last received 4 bits of the preamble pattern are
programmable
• Receiver full, transmitter empty indication bits
• Manchester coding and decoding for clock recovery and
early error detection
• Programmable input polarity
• Baud rate selection from 1200, 2400, 3600
and 4800 baud with internal modem timer
• Receiver and transmitter off-states with no power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com