Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 42Page - NXP Semiconductors PCD6001 Datasheet HTML 43Page - NXP Semiconductors PCD6001 Datasheet HTML 44Page - NXP Semiconductors PCD6001 Datasheet HTML 45Page - NXP Semiconductors PCD6001 Datasheet HTML 46Page - NXP Semiconductors PCD6001 Datasheet HTML 47Page - NXP Semiconductors PCD6001 Datasheet HTML 48Page - NXP Semiconductors PCD6001 Datasheet HTML 49Page - NXP Semiconductors PCD6001 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
2001 Apr 17
46
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
10.12.4 MANCHESTER CODING OF DATA
The bits of the data byte written in MBUF are Manchester
encoded as shown in Fig.17. A logic 1 is coded as a
LOW-to-HIGH transition in the middle of a bitcell, a logic 0
is coded as a HIGH-to-LOW transition.The Manchester
encoded signal contains redundancy for early error
detection in received bits. A non-matching 1 and 0 or
0 and 1 pair indicates an error condition.The Manchester
encoded signal has a polarity change in each bitcell.
10.12.5 WAVEFORM GENERATION WITH MOUT[2:0]
The 3 digital output pins MOUT[2:0] should be used as an
input to a 3-bit external DAC. The signals can be
connected via external resistors R2, R1 and R0 to a
summation point and then be filtered with an external
capacitor C1. This 3-bit DAC is shown in Fig.17.
Table 46 gives the relationship between MOUT[2:0] and
the voltage VOUT.
Table 46 VOUT as a function of MOUT[2:0]; note 1
Note
1. Resistor values are shown in Fig.17.
Figure 18 shows the possible waveforms that are
produced by the waveform generator. The horizontal axis
shows the sample counter on which the waveform
changes its value. Each bit is built-up out of 2
× 40
samples (n
× 3.456 MHz crystal, CKCON.6 = 0) or 2 × 42
samples (3.58 MHz, CKCON.6 = 1). The vertical axis
shows the values of MOUT[2:0], forming the inputs of the
resistive DAC. The first half of the waveform is determined
by the previous and the current bit, whereas the second
half of the waveform is determined by the current and the
next bit to be transmitted. The count frequency of the
sample counter depends on the programmed baud rate.
If the transmitter is disabled with MTEN set to logic 0,
MOUT[2:0] is <111> to save power in the resistive DAC.
If the transmitter is enabled and no data is transmitted,
MOUT[2:0] has an idle value of <100>, which corresponds
to 0.57VDD.
handbook, halfpage
MGM781
R0
WAVEFORM
GENERATOR
MOUT0
R1
MOUT1
VOUT
R2
MOUT2
C1
10 nF
Fig.17 3-bit DAC with MOUT[2:0].
R0 = R
R1 = 0.48
× R
R2 = 0.25
× R
MOUT[2:0]
VOUT
000
0
001
0.14VDD
010
0.29VDD
011
0.43VDD
100
0.57VDD
101
0.71VDD
110
0.86VDD
111
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com