Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 32Page - NXP Semiconductors PCD6001 Datasheet HTML 33Page - NXP Semiconductors PCD6001 Datasheet HTML 34Page - NXP Semiconductors PCD6001 Datasheet HTML 35Page - NXP Semiconductors PCD6001 Datasheet HTML 36Page - NXP Semiconductors PCD6001 Datasheet HTML 37Page - NXP Semiconductors PCD6001 Datasheet HTML 38Page - NXP Semiconductors PCD6001 Datasheet HTML 39Page - NXP Semiconductors PCD6001 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
2001 Apr 17
36
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
10.10.1 IDLE MODE
In the Idle state Timer 0 and Timer 1 and the I2C-bus
controller are still clocked. The CPU status along with all
SFRs, main RAM and AUX RAM registers are preserved.
Leaving the Idle state can be done by any enabled
interrupt or reset. The microcontroller hardware will clear
the Idle flag and start executing the interrupt. When the
interrupt is serviced (RETI instruction) the microcontroller
will execute the next instruction following the instruction
that put the microcontroller in the idle state.
10.10.2 POWER-DOWN MODE
In the Power-down state the clock of the entire
microcontroller with its peripherals is off. The CPU status
along with all SFRs, main RAM and AUX RAM registers
are preserved. Leaving the Power-down state can be done
by any active enabled interrupt source or reset.
The microcontroller hardware will clear the PD flag and
start executing the interrupt. When the interrupt is serviced
(RETI instruction) the microcontroller will execute the
instruction following the instruction that put the
microcontroller in the PD state.
Toggling of the ALE signal (for enhanced EMC
performance) is not supported.
10.10.3 THE WATCHDOG CIRCUITRY
The purpose of the watchdog is to reset the microcontroller
if it enters erroneous states caused by EMI or bugs in the
software that cannot be detected or eliminated.
When enabled the watchdog circuitry will generate a reset
if the user program fails to reload the Watchdog Timer
within a specified length of time known as the watchdog
interval.
The watchdog interval is calculated as follows:
The programmer should implement the following protocol:
1. Write the key value 55H to the WDTKEY SFR to
disable the watchdog.
2. Set the WLE/EW bit to logic 1 to initially enable the
watchdog. WLE/EW now functions as a WLE bit. Only
a reset can clear the EW bit.
3. Enable the Watchdog Timer by writing a value not
equal to 55H to the WDTKEY SFR. This is only
necessary if the previous value of the WDTKEY
register was 55H. The value after reset is 00H.
4. Enable the load of the WDT SFR by setting the WLE
bit to logic 1.
5. Load the watchdog interval by writing the required
value into the WDT SFR. After the load the WLE bit is
set to logic 0 again by the watchdog hardware. The
value of WDT is 00H after reset.
6. Write a value not equal to 55H to the WDTKEY SFR to
enable the watchdog.
7. Repeat steps 4 and 5 in the user software before the
Watchdog Timer expires.
Note in Metalink emulation mode the watchdog cannot be
used, the watchdog reset will reset the entire chip.
T
WD
256
WDT
–
()
12 287
microcontroller_CLK
------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com