Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 12Page - NXP Semiconductors PCD6001 Datasheet HTML 13Page - NXP Semiconductors PCD6001 Datasheet HTML 14Page - NXP Semiconductors PCD6001 Datasheet HTML 15Page - NXP Semiconductors PCD6001 Datasheet HTML 16Page - NXP Semiconductors PCD6001 Datasheet HTML 17Page - NXP Semiconductors PCD6001 Datasheet HTML 18Page - NXP Semiconductors PCD6001 Datasheet HTML 19Page - NXP Semiconductors PCD6001 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
2001 Apr 17
16
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
9.2.1
SELECTION OF SYSTEM CLOCKS
Selection of system clocks involves:
• Selection of the crystal input clock in conjunction with
PLL on/off selection (SYMOD register)
• Selection of clocks for the DSP, microcontroller and
CODEC, together with microcontroller timing interrupt
rates (CKCON register)
• Activation, deactivation of individual clocks or
deactivation of the whole TICB in order to get an
optimum power consumption (SPCON register).
SYMOD, SPCON and CKCON are SFR registers in the
digital section which can be directly accessed by the
microcontroller. Sections 9.2.2 to 9.2.4 summarize the
control registers and settings used for system clock
selection.
The activation of the DSP, and the digital part of both
CODECs is controlled via the SPCON SFR.
The clock rates of the DSP and microcontroller, and the
microcontroller timing interrupt rates are set via the
CKCON SFR.
9.2.2
ANALOG SYSTEM MODE REGISTER (SYMOD)
Table 3
Analog System Mode Register (SFR address C5H); reset state 00H
9.2.3
SYSTEM POWER AND CLOCK CONFIGURATION REGISTER (SPCON)
Table 4
System Power and Clock Configuration Register (SFR address 99H); reset state 00H
9.2.4
CLOCK CONTROL REGISTER (CKCON)
Table 5
Clock Control Register (SFR address 9AH); reset state 00H
76
5
4
3
2
1
0
input clock 1 input clock 0 PLL off/on
VMIC off/on
CODEC2; analog
CODEC1; analog
D/A
(loudspeaker)
off/on
A/D
(microphone)
off/on
D/A
(to_line)
off/on
A/D
(from_line)
off/on
76
5
4
3
2
1
0
system off
spare
spare
DSP on
CODEC2; digital
CODEC1; digital
D/A
(loudspeaker)
off/on
A/D
(microphone)
off/on
D/A
(to_line)
off/on
A/D
(from_line)
off/on
7
6
5432
1
0
EMG mode
RTC mode
DSP clock 1
DSP clock 0
micro clock 1
micro clock 0
FS_event 1
FS_event 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com