Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 53Page - NXP Semiconductors PCD6001 Datasheet HTML 54Page - NXP Semiconductors PCD6001 Datasheet HTML 55Page - NXP Semiconductors PCD6001 Datasheet HTML 56Page - NXP Semiconductors PCD6001 Datasheet HTML 57Page - NXP Semiconductors PCD6001 Datasheet HTML 58Page - NXP Semiconductors PCD6001 Datasheet HTML 59Page - NXP Semiconductors PCD6001 Datasheet HTML 60Page - NXP Semiconductors PCD6001 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
2001 Apr 17
57
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
12.1.1
DTAM EXTERNAL MEMORY USING A PARALLEL FLASH
A parallel flash memory can be connected to the PCD6001 chip as shown in Fig.23. The MAGP and P2GP bits in the
XRAM-mapped Configuration Register (ConfReg) must be set. Clearing P4.3 will enable the flash memory.
12.1.2
DTAM EXTERNAL MEMORY INTERFACE USING A 4-WIRE SERIAL FLASH
A 4-wire serial flash memory (like SPI or Microwire flash memory) can be connected to the PCD6001 chip as shown in
Fig.24. P4.3 must be level shifted when using a 5 V serial flash memory. P4.1 and P4.2 must be pulled to 3 V with a
resistor. When using a 5 V flash memory the DO output of the flash must be level-shifted to 3 V with 2 resistors
(1 and 1.5 k
Ω).
handbook, full pagewidth
MGT437
1 k
Ω
P4.3
1 k
Ω
CEN
RD
OEN
WR
WN
RY/BYN
P3.x
P1.x
P2, MA7 to MA0 and P4.0 to P4.2
VDD3V
P0
IO7 to IO0
A18 to A0
A19
PCD6001
4/8 MBIT
FLASH
Fig.23 Parallel flash memory connection.
handbook, full pagewidth
MGT438
1 k
Ω
P4.3
1 k
Ω
CEN
P4.4/FSI
DO
P4.2/FSO
DI
SK
P4.1/FSK
VDD3V
VDD3V/VDD5V
PCD6001
SERIAL
FLASH
Fig.24 Serial flash memory connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com