Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 70Page - NXP Semiconductors PCD6001 Datasheet HTML 71Page - NXP Semiconductors PCD6001 Datasheet HTML 72Page - NXP Semiconductors PCD6001 Datasheet HTML 73Page - NXP Semiconductors PCD6001 Datasheet HTML 74Page - NXP Semiconductors PCD6001 Datasheet HTML 75Page - NXP Semiconductors PCD6001 Datasheet HTML 76Page - NXP Semiconductors PCD6001 Datasheet HTML 77Page - NXP Semiconductors PCD6001 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
2001 Apr 17
74
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
16.2.1
PORT 1REGISTER (P1)
The alternative outputs (SDA and SCL) are connected with the general purpose outputs via an AND logic gate. Therefore
when using the alternative functions the corresponding port bits have to be set to a logic 1.
For control of I2C-bus peripherals like for instance EEPROMs and LCD displays, P1.6 and P1.7 can also be used as SDA
and SCL to support I2C-bus. See Section 10.11 on how to activate this alternative function of P1.6 and P1.7. The rest of
Port 1 is defined as general purpose I/O pins as for the standard 80C51 microcontroller.
Table 68 Port 1 Register (SFR address 90H); bit addressable; reset state FFH
Table 69 P1 pin configuration
16.2.2
PORT 3REGISTER (P3)
Port 3 is defined as a set of 8 general purpose I/O pins similar to the standard 80C51 microcontroller except for P3.6 and
P3.7 which do not have the RD and WR functionality (the RD and WR are separate pins). Table 72 gives the different
functions and the corresponding port configurations available on P3.7, P3.6, P3.1 and P3.0. The last column gives the
function and configuration after reset.
Table 70 P3 (B0H) bit assignment; bit addressable; reset state FFH; note 1
Note
1. The alternative outputs (for MSK, IOM) are connected with the general purpose outputs via an AND logic gate.
Therefore when using the alternative functions the corresponding port bits have to be set to a logic 1.
Table 71 P3 pin configuration
Table 72 Port 3.7, 3.6, 3.1 and 3.0 modes and configuration
76543210
P1.7/SDA
P1.6/SCL
P1.5
P1.4/EX6
P1.3/EX5
P1.2/EX4
P1.1/EX3
P1.0/EX2
PORT PINS
CONFIGURATION
P1.7 and P1.6
open-drain
P1.5 to P1.0
quasi-bidirectional
76543210
P3.7/MIN/DI
P3.6/MOUT
2/FSC
P3.5/T1
P3.4/T0
P3.3/EX1N
P3.2/EX0N
P3.1/MOUT
1/DCK
P3.0/MOUT
0/DO
PORT PINS
CONFIGURATION
P3.7, P3.6, P3.1 and P3.0
see Table 72
P3.5 to P3.2
quasi-bidirectional
MSK
IOM
GENERAL PURPOSE I/O PORT
(RESET STATE)
SIGNAL
MASTER
SLAVE
MOUT0
push-pull
DO
open-drain 4 mA
open-drain 4 mA
P3.0
quasi-bidirectional
weak pull-up
MOUT1
push-pull
DCK
push-pull
input
P3.1
MOUT2
push-pull
FSC
push-pull
input
P3.6
MIN
input
DI
input
input
P3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com