Electronic Components Datasheet Search
  English  ▼

X  

PCD6001 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 21Page - NXP Semiconductors PCD6001 Datasheet HTML 22Page - NXP Semiconductors PCD6001 Datasheet HTML 23Page - NXP Semiconductors PCD6001 Datasheet HTML 24Page - NXP Semiconductors PCD6001 Datasheet HTML 25Page - NXP Semiconductors PCD6001 Datasheet HTML 26Page - NXP Semiconductors PCD6001 Datasheet HTML 27Page - NXP Semiconductors PCD6001 Datasheet HTML 28Page - NXP Semiconductors PCD6001 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
2001 Apr 17
25
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
Notes
1. All SFR bits with reset state ‘X’ are either ‘spare’ (i.e. have a memory bit in this position with reset state ‘0’) or ‘-’ (i.e.
do not have a physical memory bit in this position). All ‘spare’ bits can be addressed and used as additional general
purpose bits. All bits marked ‘-’ cannot be addressed by the user. To see which bits are ‘spare’ or ‘-’ refer to the
respective SFR layouts.
2. Reserved registers, used for testing purposes. Writing of undocumented or reserved bits might lead to unexpected
behaviour of the device (see Section 10.8).
PMTR2
B6
Power Management Test Register 2; see note 2
0000 0000
PSW
D0
Program Status Word
0000 0000
RTCON
9B
Real-Time Clock control
0000 0000
S1CON
D8
I2C-bus Serial Control Register
0000 0000
S1ADR
DB
I2C-bus own slave address register
0000 0000
S1DAT
DA
I2C-bus Data Shift Register
0000 0000
S1STA
D9
I2C-bus Status Register (read only)
1111 1000
SYMOD
C5
analog system mode control
0000 0000
SPCON
99
system power and clock configuration
0XX0 0000
SP
81
Stack Pointer
0000 0111
TCON
88
Timer/counter Control Register
0000 0000
TMOD
89
Timer/counter Mode Control Register
0000 0000
TL0
90
Timer Low Register 0
0000 0000
TL1
91
Timer Low Register 1
0000 0000
TH0
92
Timer High Register 0
0000 0000
TH1
93
Timer High Register 1
0000 0000
VREFR
BA
Voltage Reference Register
1010 0000
WDT
FF
Watchdog Timer
0000 0000
WDTKEY
F7
Watchdog Key Register
0000 0000
XWUD
B9
external wake-up disable
0000 0000
NAME
ADDRESS (HEX)
DESCRIPTION
RESET STATE(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com